Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV23 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BAV23
Description  Surface mount switching diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAV23 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BAV23 Datasheet HTML 1Page - Diode Semiconductor Korea BAV23 Datasheet HTML 2Page - Diode Semiconductor Korea BAV23 Datasheet HTML 3Page - Diode Semiconductor Korea BAV23 Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface mount switching diode
BAV23
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
Typ
MAX
UNIT
Test Condition
Reverse Breakdown Voltage
V(BR)R
200
-
-
V
IR= 100μA
Forward Voltage
VF
-
-
1.0
1.25
V
IF=100mA
IF=200mA
Forward Voltage series
connection
VF
-
-
2.0
2.5
V
IF=100mA
IF=200mA
Reverse Leakage Current
IR
-
-
100
100
nA
μA
VR=200V
VR=200V,Tj=150℃
Reverse Leakage Current
series connection
IR
-
-
100
100
nA
μA
VR=400V
VR=400V,Tj=150℃
Diodes Capacitance
series connection
Cd
-
-
5
2.5
pF
VR=0V,f=1.0MHz
Reverse Recovery Time
trr
-
-
50
ns
IF=IR=10mA,Irr=0.1*IR
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com