Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75110 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75110
Description  Dual Line Drivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75110 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS75110 Datasheet HTML 1Page - National Semiconductor (TI) DS75110 Datasheet HTML 2Page - National Semiconductor (TI) DS75110 Datasheet HTML 3Page - National Semiconductor (TI) DS75110 Datasheet HTML 4Page - National Semiconductor (TI) DS75110 Datasheet HTML 5Page - National Semiconductor (TI) DS75110 Datasheet HTML 6Page - National Semiconductor (TI) DS75110 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
Ceramic DIP
−65˚C to +175˚C
Molded DIP and SO-14
−65˚C to +150˚C
Lead Temperature
Ceramic DIP (Soldering, 60 sec.)
300˚C
Molded DIP and SO-14
(Soldering, 10 sec.)
265˚C
Maximum Power Dissipation (Note 1) at 25˚C
Molded Package
1040 mW
SO Package
930 mW
Suppy Voltage
±7.0V
Input Voltage (Any Input)
5.5V
Output Voltage (Any Output)
−5.0V to +12V
Recommended Operating Conditions
DS75110A
Units
Min
Typ
Max
Positive Supply Voltage (V
+)
4.75
5.0
5.25
V
Negative Supply Voltage (V
−)
−4.75
−5.0
−5.25
V
Positive Common Mode Voltage (V
CM+)
0
10
V
Negative Common Mode Voltage (V
CM−)
0
−3.0
V
Operating Temperature (T
A)
0
25
70
˚C
Note 1: Derate molded DIP package 8.3 mW/˚C above 25˚C, derate SO package 7.5 mW/˚C above 25˚C.
Electrical Characteristics (Notes 3, 4)
Over recommended operating temperature range, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
Input Voltage HIGH
2.0
V
V
IL
Input Voltage LOW
0.8
V
V
IC
Input Clamp Voltage
V
CC = Min, II = −12 mA
−0.9
−1.5
V
I
O(On)
On-State
V
CC = Max, VO = 10V
12
15
mA
Output Current
V
CC = Min, VO = −3.0V
6.5
12
I
O(Off)
Off-State Output Current
V
CC = Min, VO = 10V
100
µA
(Inhibited Only)
I
I
Input Current
A, B or C
V
CC = Max, VI = 5.5V
1.0
At Maximum
Inputs
mA
Input Voltage
D Input
2.0
I
IH
Input Current HIGH
A, B or C
V
CC = Max, VI = 2.4V
40
Input
µA
D Input
80
I
IL
Input Current LOW
A, B or C
V
CC = Max, VI = 0.4V
−3.0
Input
mA
D Input
−6.0
I+
(On)
Positive Supply Current
V
CC = Max,
23
35
mA
with Driver Enabled
A & B Inputs at 0.4V,
I−
(On)
Negative Supply Current
C & D Inputs at 2.0V
−34
−50
mA
with Driver Enabled
I+
(Off)
Positive Supply Current
V
CC = Max,
21
mA
with Driver Inhibited
A, B,C&D Inputs
I−
(Off)
Negative Supply Current
at 0.4V
−17
mA
with Driver Inhibited
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across 0˚C to +70˚C range for the DS75110. All typicals are given for VCC = 5V and TA = 25˚C.
Note 4: When using only one channel of the line drivers, the other channel should be inhibited and/or its outputs grounded.
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com