Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75154M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75154M
Description  Quad Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75154M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS75154M Datasheet HTML 1Page - National Semiconductor (TI) DS75154M Datasheet HTML 2Page - National Semiconductor (TI) DS75154M Datasheet HTML 3Page - National Semiconductor (TI) DS75154M Datasheet HTML 4Page - National Semiconductor (TI) DS75154M Datasheet HTML 5Page - National Semiconductor (TI) DS75154M Datasheet HTML 6Page - National Semiconductor (TI) DS75154M Datasheet HTML 7Page - National Semiconductor (TI) DS75154M Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS75154
Quad Line Receiver
General Description
The DS75154 is a quad monolithic line receiver designed to
satisfy the requirements of the standard interface between
data terminal equipment and data communication equipment
as defined by EIA Standard RS-232C. Other applications are
in relatively short, single-line, point-to-point data transmis-
sion systems and for level translators. Operation is normally
from a single 5V supply; however, a built-in option allows op-
eration from a 12V supply without the use of additional com-
ponents. The output is compatible with most TTL and LS cir-
cuits when either supply voltage is used.
In normal operation, the threshold-control terminals are con-
nected to the V
CC1 terminal, pin 15, even if power is being
supplied via the alternate V
CC2 terminal, pin 16. This pro-
vides a wide hysteresis loop which is the difference between
the positive-going and negative-going threshold voltages. In
this mode, if the input voltage goes to zero, the output volt-
age will remain at the low or high level as determined by the
previous input.
For fail-safe operation, the threshold-control terminals are
open. This reduces the hysteresis loop by causing the
negative-going threshold voltage to be above zero. The
positive-going threshold voltage remains above zero as it is
unaffected by the disposition of the threshold terminals. In
the fail-safe mode, if the input voltage goes to zero or an
open-circuit condition, the output will go to the high level re-
gardless of the previous input condition.
Features
n Input resistance, 3 k
Ω to7kΩ over full RS-232C voltage
range
n Input threshold adjustable to meet “fail-safe”
requirements without using external components
n Inverting output compatible with TTL or LS
n Built-in hysteresis for increased noise immunity
n Output with active pull-up for symmetrical switching
speeds
n Standard supply voltage — 5V or 12V
Schematic Diagram
DS005795-1
Note: When using VCC1 (pin 15), VCC2 (pin 16) may be left open or shorted to VCC1. When using VCC2,VCC1 must be left open or connected to the
threshold control pins.
May 1998
© 1998 National Semiconductor Corporation
DS005795
www.national.com


Similar Part No. - DS75154M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75150 NSC-DS75150 Datasheet
103Kb / 6P
Dual Line Driver
DS75150M NSC-DS75150M Datasheet
103Kb / 6P
Dual Line Driver
More results

Similar Description - DS75154M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1489 NSC-DS1489 Datasheet
196Kb / 8P
Quad Line Receiver
logo
ON Semiconductor
MC10115 ONSEMI-MC10115 Datasheet
99Kb / 4P
Quad Line Receiver
1996 REV 5
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
Quad Line Receiver
REV 5
MC10H115 ONSEMI-MC10H115_06 Datasheet
152Kb / 6P
Quad Line Receiver
February, 2006 ??Rev. 7
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
Quad Line Receiver
January, 2002 ??Rev. 7
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL Datasheet
63Kb / 4P
Quad Line Receiver
logo
National Semiconductor ...
DS1489 NSC-DS1489_02 Datasheet
217Kb / 7P
Quad Line Receiver
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
Quad Line Receiver
logo
Linear Technology
LTC488CSW LINER-LTC488CSW Datasheet
117Kb / 12P
Quad RS485 Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115_16 Datasheet
141Kb / 5P
Quad Line Receiver
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com