Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD301 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MMBD301
Description  Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMBD301 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MMBD301 Datasheet HTML 1Page - Diode Semiconductor Korea MMBD301 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Barrier Diodes
MMBD301
FEATURES
Surface mount package ideally suited
for automatic insertion.
APPLICATIONS
Sourced from process GD.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
MMBD301
4T
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Limits
Unit
DC Reverse Voltage
VR
30
V
Power Dissipation
Pd
200
mW
Operating Junction Temperature Range
Tj
150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min.
TYP.
MAX
UNIT
Test Condition
Reverse Breakdown Voltage
V(BR)R
30
V
IR=10μA
Forward Voltage
VF
450
600
mV
IF=1.0mA
IF=10mA
Reverse Current
IR
0.2
nA
VR=3.0V
Diode Capacitance
CD
1.5
pF
VR=15V,f=1.0MHz
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MMBD301

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBD301 FAIRCHILD-MMBD301 Datasheet
195Kb / 8P
Schottky Barrier Diode
logo
Pan Jit International I...
MMBD301 PANJIT-MMBD301 Datasheet
53Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE
logo
DAESAN ELECTRONIC CORP.
MMBD301 DAESAN-MMBD301 Datasheet
264Kb / 2P
Surface Mount Schottky Barrier Diode
logo
Guangdong Kexin Industr...
MMBD301 KEXIN-MMBD301 Datasheet
36Kb / 1P
Schottky Barrier Diode
logo
Micro Commercial Compon...
MMBD301 MCC-MMBD301 Datasheet
181Kb / 3P
30 Volts Schottky Barrier Diodes
More results

Similar Description - MMBD301

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com