Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16H Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # BAS16H
Description  Surface Mount Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BAS16H Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  BAS16H Datasheet HTML 1Page - Bruckewell Technology LTD BAS16H Datasheet HTML 2Page - Bruckewell Technology LTD BAS16H Datasheet HTML 3Page - Bruckewell Technology LTD BAS16H Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS16H
Surface Mount Switching Diodes
Publication Order Number: [BAS16H]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS @ Ta=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
MIN
TYP
MAX
UNIT
V(RB)R
Reverse Breakdown Voltage
IR = 100μA
75
V
VF
Forward Voltage
IF = 1.0 mA
IF = 10 mA
IF = 50 mA
IF = 150 mA
715
855
1000
1250
mV
IR
Reverse Current
VR = 75 V
VR = 75 V , TJ = 150°C
V R = 25 V , TJ = 150°C
1.0
50
30
μA
CD
Diode Capacitance
VR=0,f=1.0MHz
2
pF
VFR
Forward recovery voltage
IF = 10 mA , tr = 20 nS
1.75
V
QS
Stored Charge
IF = 10 mA to VR = 5.0 V
RL = 500 Ω
45
pC
Trr
Reverse Recovery
IF = IR = 10 mA , RL = 50 Ω
5
ns
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS16H
A6
SOD-323



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com