Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A92 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # A92
Description  PNP Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

A92 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  A92 Datasheet HTML 1Page - Bruckewell Technology LTD A92 Datasheet HTML 2Page - Bruckewell Technology LTD A92 Datasheet HTML 3Page - Bruckewell Technology LTD A92 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A92
PNP Silicon Epitaxial Planar Transistor
Publication Order Number: [A92]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute maximum ratings (Ta=25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-300
V
VCEO
Collector-Emitter Voltage
-300
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.5
A
PC
Collector Power Dissipation
500
mW
Tj,Tstg
Junction and Storage Temperature
-55 to 150
°C
ELECTRICAL CHARACTERISTICS @ Ta=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
MIN
TYP
MAX
UNIT
V(BR)CBO
Collector-base breakdown voltage
IC = -100μA , IE = 0
-300
V
V(BR)CEO
Collector-emitter breakdown voltage
IC = -1 mA , IB = 0
-300
V
V(BR)EBO
Emitter-base breakdown voltage
IE = -100μA , IC = 0
-5
V
ICBO
Collector cut-off current
VCB = -200 V , IB = 0
-0.25
μA
IEBO
Emitter cut-off current
VEB = -3 V , IC = 0
-0.1
μA
hFE
DC current gain
VCE = -10 V , IC = -1 mA
60
VCE = -10 V , IC = -10 mA
100
300
VCE = -10 V , IC = -30 mA
60
VCE(sat)
Collector-emitter saturation voltage
IC = -20 mA , IB = -2 mA
-0.5
V
VBE(sat)
Base-emitter saturation voltage
IC = -20 mA , IB = -2 mA
-0.9
V
fT
Transition frequency
VCE = -20 V , IC = -10 mA
f = 100MHz
50
MHz
Cob
Collector output capacitance
VCB= -20V , IE = 0
f = 1MHz
6
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com