Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A42 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # A42
Description  NPN Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

A42 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  A42 Datasheet HTML 1Page - Bruckewell Technology LTD A42 Datasheet HTML 2Page - Bruckewell Technology LTD A42 Datasheet HTML 3Page - Bruckewell Technology LTD A42 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A42
NPN Plastic-Encapsulate Transistors
Publication Order Number: [A42]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute maximum ratings (Ta=25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
310
V
VCEO
Collector-Emitter Voltage
305
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
200
mA
ICM
Collector Current - Pulsed
500
mA
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance from Junction to Ambient
250
°C/W
Tj
Junction Temperature
150
°C
Tstg
Storage Temperature
-55 to +150
°C
ELECTRICAL CHARACTERISTICS @ Ta=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
MIN
TYP
MAX
UNIT
BVCBO
Collector-base breakdown voltage
IC = 100μA , IE = 0
310
V
BVCEO
Collector-emitter breakdown voltage
IC = 1 mA , IB = 0
305
V
BVEBO
Emitter-base breakdown voltage
IE = 100μA , IC = 0
5
V
ICBO
Collector cut-off current
VCB = 200 V , IE = 0
0.25
μA
ICEO
Collector cut-off current
VCB = 300 V , IB = 0
0.25
μA
VCB = 300 V , IB = 0
5
μA
IEBO
Emitter cut-off current
VEB = 5 V , IC = 0
0.1
μA
hFE(1)
DC current gain
VCE = 10 V , IC = 1 mA
60
hFE(2)
VCE = 10 V , IC = 10 mA
100
300
hFE(3)
VCE = 10 V , IC = 30 mA
75
VCE(sat)
Collector-emitter saturation voltage
IC = 20 mA , IB = 2 mA
0.2
V
VBE(sat)
Base-emitter saturation voltage
IC = 20 mA , IB = 2 mA
0.9
V
fT
Transition frequency
VCE = 20 V , IE = 10 mA
f = 30MHz
50
MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com