Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C28343ZHHT Datasheet(PDF) 83 Page - Texas Instruments

Part # TMS320C28343ZHHT
Description  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C28343ZHHT Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 79Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 80Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 81Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 82Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 83Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 84Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 85Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 86Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516D – MARCH 2009 – REVISED AUGUST 2012
The CAN registers listed in Table 4-9 are used by the CPU to configure and control the CAN controller
and the message objects. eCAN control registers only support 32-bit read/write operations. Mailbox RAM
can be accessed as 16 bits or 32 bits. 32-bit accesses are aligned to an even boundary.
Table 4-9. CAN Register Map(1)
eCAN-A
eCAN-B
SIZE
REGISTER NAME
DESCRIPTION
ADDRESS
ADDRESS
(x32)
CANME
0x6000
0x6200
1
Mailbox enable
CANMD
0x6002
0x6202
1
Mailbox direction
CANTRS
0x6004
0x6204
1
Transmit request set
CANTRR
0x6006
0x6206
1
Transmit request reset
CANTA
0x6008
0x6208
1
Transmission acknowledge
CANAA
0x600A
0x620A
1
Abort acknowledge
CANRMP
0x600C
0x620C
1
Receive message pending
CANRML
0x600E
0x620E
1
Receive message lost
CANRFP
0x6010
0x6210
1
Remote frame pending
CANGAM
0x6012
0x6212
1
Global acceptance mask
CANMC
0x6014
0x6214
1
Master control
CANBTC
0x6016
0x6216
1
Bit-timing configuration
CANES
0x6018
0x6218
1
Error and status
CANTEC
0x601A
0x621A
1
Transmit error counter
CANREC
0x601C
0x621C
1
Receive error counter
CANGIF0
0x601E
0x621E
1
Global interrupt flag 0
CANGIM
0x6020
0x6220
1
Global interrupt mask
CANGIF1
0x6022
0x6222
1
Global interrupt flag 1
CANMIM
0x6024
0x6224
1
Mailbox interrupt mask
CANMIL
0x6026
0x6226
1
Mailbox interrupt level
CANOPC
0x6028
0x6228
1
Overwrite protection control
CANTIOC
0x602A
0x622A
1
TX I/O control
CANRIOC
0x602C
0x622C
1
RX I/O control
CANTSC
0x602E
0x622E
1
Time stamp counter (Reserved in SCC mode)
CANTOC
0x6030
0x6230
1
Time-out control (Reserved in SCC mode)
CANTOS
0x6032
0x6232
1
Time-out status (Reserved in SCC mode)
(1)
These registers are mapped to Peripheral Frame 1.
Copyright © 2009–2012, Texas Instruments Incorporated
Peripherals
83
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com