Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUTA8 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUTA8
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTA8 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320DM647CUTA8 Datasheet HTML 1Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 2Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 3Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 4Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 5Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 6Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 7Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 8Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
ports (DM648) or one SGMII port (only DM647); a 4-bit transmit, 4-bit receive VLYNQ interface; an inter-
integrated circuit (I2C) bus interface; a multichannel audio serial port (McASP) with ten serializers; four 64-
bit general-purpose timers each configurable as two independent 32-bit timers; a user-configurable 16-bit
or 32-bit host-port interface (HPI); 32 pins for general-purpose input/output (GPIO) with programmable
interrupt/event generation modes, multiplexed with other peripherals; one UART; and two glueless
external memory interfaces: a synchronous and asynchronous external memory interface (EMIFA) for
slower memories/peripherals, and a higher DDR2 SDRAM interface.
The video port peripherals provide a glueless interface to common video decoder and encoder devices.
The video port peripherals support multiple resolutions and video standards (e.g., CCIR601, ITU-BT.656,
BT.1120, SMPTE 125M, 260M, 274M, and 296M).
The video port peripherals are configurable and can support either video capture and/or video display
modes. Each video port consists of two channels (A and B) with a 5120-byte capture/display buffer that is
splittable between the two channels.
For more details on the video port peripherals, see the TMS320DM647/DM648 Video Port User's Guide
(literature number SPRUEM1).
The management data input/output (MDIO) module continuously polls all 32 MDIO addresses to
enumerate all PHY devices in the system.
The I2C and VLYNQ ports allow the device to easily control peripheral modules and/or communicate with
host processors.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections later in this document
and the associated peripheral reference guides.
The devices have a complete set of development tools. These include C compilers, a DSP assembly
optimizer to simplify programming and scheduling, and a Windows™ debugger interface for visibility into
source code execution.
Copyright © 2007–2012, Texas Instruments Incorporated
Features
3
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com