Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2412 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # 2SC2412
Description  TRANSISTOR (NPN)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

2SC2412 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  2SC2412 Datasheet HTML 1Page - Bruckewell Technology LTD 2SC2412 Datasheet HTML 2Page - Bruckewell Technology LTD 2SC2412 Datasheet HTML 3Page - Bruckewell Technology LTD 2SC2412 Datasheet HTML 4Page - Bruckewell Technology LTD 2SC2412 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC2412
TRANSISTOR (NPN)
Publication Order Number: [2SC2412]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS (Ta=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current
150
mA
PC
Collector Dissipation
200
mW
Tj
Junction Temperature
150
°C
Tstg
Storage Temperature Range
-55 to +150
°C
ELECTRICAL CHARACTERISTICS @ Ta=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
MIN
TYP
MAX
UNIT
V(BR)CBO
Collector-base breakdown voltage
IC = 50μA , IE = 0
60
V
V(BR)CEO
Collector-emitter breakdown voltage
IC = 1 mA , IB = 0
50
V
V(BR)EBO
Emitter-base breakdown voltage
IE = 50μA , IC = 0
7
V
ICBO
Collector cut-off current
VCB = 60 V , IE = 0
0.1
μA
IEBO
Emitter cut-off current
VEB = 7 V , IC = 0
0.1
μA
hFE
DC current gain
VCE = 6 V , IC = 1 mA
120
560
VCE(sat)
Collector-emitter saturation voltage
IC = 50 mA , IB = 5 mA
0.4
V
fT
Transition frequency
VCE = 12 V , IC = -2 mA
f = 1.0MHz
160
MHz
Cob
Collector output capacitance
VCB = 12 V , IE = 0
f = 1.0MHz
2
3.5
pF
CLASSIFICATION OF hFE
Marking
BQ
BR
BS
Rank
Q
R
S
Range
120-170
180-390
270-560



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com