Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD301 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # MMSD301
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMSD301 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  MMSD301 Datasheet HTML 1Page - Diode Semiconductor Korea MMSD301 Datasheet HTML 2Page - Diode Semiconductor Korea MMSD301 Datasheet HTML 3Page - Diode Semiconductor Korea MMSD301 Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schottky Barrier Diode
MMSD301/MMSD701
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
MMSD301
MMSD701
V(BR)R
IR=10μA
30
70
V
Forward voltage
MMSD301
MMSD701
VF
IF=1.0mA
IF=10mA
IF=1.0mA
IF=10mA
0.38
0.52
0.42
0.7
0.45
0.6
0.5
1.0
V
Reverse current
MMSD301
MMSD701
IR
VR=25V
VR=35V
13
9.0
200
200
nA
nA
Diode Capacitance
MMSD301
MMSD701
Cd
VR=0V,f=1MHz
0.9
0.5
1.5
1.0
pF
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com