Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1012 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # 2SA1012
Description  Plastic-Encapsulate Transistors (PNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

2SA1012 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  2SA1012 Datasheet HTML 1Page - Bruckewell Technology LTD 2SA1012 Datasheet HTML 2Page - Bruckewell Technology LTD 2SA1012 Datasheet HTML 3Page - Bruckewell Technology LTD 2SA1012 Datasheet HTML 4Page - Bruckewell Technology LTD 2SA1012 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1012
Plastic-Encapsulate Transistors (PNP)
Publication Order Number: [2SA1012]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS @ Ta=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
MIN
TYP
MAX
UNIT
V(BR)CBO
Collector-base breakdown voltage
IC = -0.1mA , IE = 0
-60
V
V(BR)CEO*
Collector-emitter breakdown voltage
IC = -10mA , IB = 0
-50
V
V(BR)EBO
Emitter-base breakdown voltage
IE = -10μA , IC = 0
-5
V
ICBO
Collector cut-off current
VCB = -50 V , IE = 0
-1
μA
IEBO
Emitter cut-off current
VEB = -5 V , IC = 0
-1
μA
hFE(1)
DC current gain
VCE = -1 V , IC = -1 A
70
240
hFE(2)*
VCE = -1 V , IC = -3 A
30
VCE(sat)*
Collector-emitter saturation voltage
IC = -3 A , IB = -150mA
-0.4
V
VBE(sat)*
Base-emitter saturation voltage
IC = -3 A , IB = -150mA
1.2
V
fT
Transition frequency
VCE = -4 V , IC = -1 A
60
MHz
Cob
Collector output capacitance
VCB = -10 V , IE = 0
f = 1.0MHz
170
pF
ton
Turn-on Time
VCC = -30 V, IC = -3 A
IB1 = -IB2 = -0.15 A
0.1
μs
ts
Storage time
1.0
tf
Fall time
0.1
*Pulse test: tp≤300μs, δ≤0.02.
CLASSIFICATION of hFE(1)
Rank
O
Y
Range
70-140
120-240



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com