Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2685FIBZUT11 Datasheet(PDF) 73 Page - Texas Instruments

Part # TNETV2685FIBZUT11
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685FIBZUT11 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TNETV2685FIBZUT11 Datasheet HTML 69Page - Texas Instruments TNETV2685FIBZUT11 Datasheet HTML 70Page - Texas Instruments TNETV2685FIBZUT11 Datasheet HTML 71Page - Texas Instruments TNETV2685FIBZUT11 Datasheet HTML 72Page - Texas Instruments TNETV2685FIBZUT11 Datasheet HTML 73Page - Texas Instruments TNETV2685FIBZUT11 Datasheet HTML 74Page - Texas Instruments TNETV2685FIBZUT11 Datasheet HTML 75Page - Texas Instruments TNETV2685FIBZUT11 Datasheet HTML 76Page - Texas Instruments TNETV2685FIBZUT11 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 6-14. EDMA Channel Controller Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x02A0 0154
DCHMAP21
DMA Channel 21 Mapping Register
0x02A0 0158
DCHMAP22
DMA Channel 22 Mapping Register
0x02A0 015C
DCHMAP23
DMA Channel 23 Mapping Register
0x02A0 0160
DCHMAP24
DMA Channel 24 Mapping Register
0x02A0 0164
DCHMAP25
DMA Channel 25 Mapping Register
0x02A0 0168
DCHMAP26
DMA Channel 26 Mapping Register
0x02A0 016C
DCHMAP27
DMA Channel 27 Mapping Register
0x02A0 0170
DCHMAP28
DMA Channel 28 Mapping Register
0x02A0 0174
DCHMAP29
DMA Channel 29 Mapping Register
0x02A0 0178
DCHMAP30
DMA Channel 30 Mapping Register
0x02A0 017C
DCHMAP31
DMA Channel 31 Mapping Register
0x02A0 0180
DCHMAP32
DMA Channel 32 Mapping Register
0x02A0 0184
DCHMAP33
DMA Channel 33 Mapping Register
0x02A0 0188
DCHMAP34
DMA Channel 34 Mapping Register
0x02A0 018C
DCHMAP35
DMA Channel 35 Mapping Register
0x02A0 0190
DCHMAP36
DMA Channel 36 Mapping Register
0x02A0 0194
DCHMAP37
DMA Channel 37 Mapping Register
0x02A0 0198
DCHMAP38
DMA Channel 38 Mapping Register
0x02A0 019C
DCHMAP39
DMA Channel 39 Mapping Register
0x02A0 01A0
DCHMAP40
DMA Channel 40 Mapping Register
0x02A0 01A4
DCHMAP41
DMA Channel 41 Mapping Register
0x02A0 01A8
DCHMAP42
DMA Channel 42 Mapping Register
0x02A0 01AC
DCHMAP43
DMA Channel 43 Mapping Register
0x02A0 01B0
DCHMAP44
DMA Channel 44 Mapping Register
0x02A0 01B4
DCHMAP45
DMA Channel 45 Mapping Register
0x02A0 01B8
DCHMAP46
DMA Channel 46 Mapping Register
0x02A0 01BC
DCHMAP47
DMA Channel 47 Mapping Register
0x02A0 01C0
DCHMAP48
DMA Channel 48 Mapping Register
0x02A0 01C4
DCHMAP49
DMA Channel 49 Mapping Register
0x02A0 01C8
DCHMAP50
DMA Channel 50 Mapping Register
0x02A0 01CC
DCHMAP51
DMA Channel 51 Mapping Register
0x02A0 01D0
DCHMAP52
DMA Channel 52 Mapping Register
0x02A0 01D4
DCHMAP53
DMA Channel 53 Mapping Register
0x02A0 01D8
DCHMAP54
DMA Channel 54 Mapping Register
0x02A0 01DC
DCHMAP55
DMA Channel 55 Mapping Register
0x02A0 01E0
DCHMAP56
DMA Channel 56 Mapping Register
0x02A0 01E4
DCHMAP57
DMA Channel 57 Mapping Register
0x02A0 01E8
DCHMAP58
DMA Channel 58 Mapping Register
0x02A0 01EC
DCHMAP59
DMA Channel 59 Mapping Register
0x02A0 01F0
DCHMAP60
DMA Channel 60 Mapping Register
0x02A0 01F4
DCHMAP61
DMA Channel 61 Mapping Register
0x02A0 01F8
DCHMAP62
DMA Channel 62 Mapping Register
0x02A0 01FC
DCHMAP63
DMA Channel 63 Mapping Register
0x02A0 0200
QCHMAP0
QDMA Channel 0 Mapping to PaRAM Register
0x02A0 0204
QCHMAP1
QDMA Channel 1 Mapping to PaRAM Register
0x02A0 0208
QCHMAP2
QDMA Channel 2 Mapping to PaRAM Register
0x02A0 020C
QCHMAP3
QDMA Channel 3 Mapping to PaRAM Register
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
73
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com