Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75176B Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75176B
Description  Multipoint RS-485/RS-422 Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75176B Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS75176B Datasheet HTML 1Page - National Semiconductor (TI) DS75176B Datasheet HTML 2Page - National Semiconductor (TI) DS75176B Datasheet HTML 3Page - National Semiconductor (TI) DS75176B Datasheet HTML 4Page - National Semiconductor (TI) DS75176B Datasheet HTML 5Page - National Semiconductor (TI) DS75176B Datasheet HTML 6Page - National Semiconductor (TI) DS75176B Datasheet HTML 7Page - National Semiconductor (TI) DS75176B Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS75176B/DS75176BT
Multipoint RS-485/RS-422 Transceivers
General Description
The DS75176B is a high speed differential TRI-STATE®
bus/line transceiver designed to meet the requirements of
EIA standard RS485 with extended common mode range
(+12V to −7V), for multipoint data transmission. In addition, it
is compatible with RS-422.
The driver and receiver outputs feature TRI-STATE capabil-
ity, for the driver outputs over the entire common mode
range of +12V to −7V. Bus contention or fault situations that
cause excessive power dissipation within the device are
handled by a thermal shutdown circuit, which forces the
driver outputs into the high impedance state.
DC specifications are guaranteed over the 0 to 70˚C tem-
perature and 4.75V to 5.25V supply voltage range.
Features
n
Meets EIA standard RS485 for multipoint bus
transmission and is compatible with RS-422.
n
Small Outline (SO) Package option available for
minimum board space.
n
22 ns driver propagation delays.
n
Single +5V supply.
n
−7V to +12V bus common mode range permits ±7V
ground difference between devices on the bus.
n
Thermal shutdown protection.
n
High impedance to bus with driver in TRI-STATE or with
power off, over the entire common mode range allows
the unused devices on the bus to be powered down.
n
Pin out compatible with DS3695/A and SN75176A/B.
n
Combined impedance of a driver output and receiver
input is less than one RS485 unit load, allowing up to 32
transceivers on the bus.
n
70 mV typical receiver hysteresis.
Connection and Logic Diagram
00875901
Top View
Order Number DS75176BN, DS75176BTN, DS75176BM or DS75176BTM
See NS Package Number N08E or M08A
TRI-STATE® is a registered trademark of National Semiconductor Corp.
July 2004
© 2004 National Semiconductor Corporation
DS008759
www.national.com


Similar Part No. - DS75176B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS75176B TI-DS75176B Datasheet
943Kb / 14P
DS75176B/DS75176BT Multipoint RS-485/RS-422 Transceivers
DS75176BM TI-DS75176BM Datasheet
943Kb / 14P
DS75176B/DS75176BT Multipoint RS-485/RS-422 Transceivers
DS75176BM/NOPB TI-DS75176BM/NOPB Datasheet
943Kb / 14P
DS75176B/DS75176BT Multipoint RS-485/RS-422 Transceivers
DS75176BMX TI-DS75176BMX Datasheet
943Kb / 14P
DS75176B/DS75176BT Multipoint RS-485/RS-422 Transceivers
DS75176BMX/NOPB TI-DS75176BMX/NOPB Datasheet
943Kb / 14P
DS75176B/DS75176BT Multipoint RS-485/RS-422 Transceivers
More results

Similar Description - DS75176B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Texas Instruments
DS75176B TI-DS75176B Datasheet
943Kb / 14P
DS75176B/DS75176BT Multipoint RS-485/RS-422 Transceivers
logo
Analog Devices
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
logo
Guangdong Youtai Semico...
SN65176BDR UMW-SN65176BDR Datasheet
377Kb / 6P
SN75176B/SN65176B Multipoint RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com