Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MZP4738A Datasheet(PDF) 2 Page - ON Semiconductor

Part # MZP4738A
Description  3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MZP4738A Datasheet(HTML) 2 Page - ON Semiconductor

  MZP4738A Datasheet HTML 1Page - ON Semiconductor MZP4738A Datasheet HTML 2Page - ON Semiconductor MZP4738A Datasheet HTML 3Page - ON Semiconductor MZP4738A Datasheet HTML 4Page - ON Semiconductor MZP4738A Datasheet HTML 5Page - ON Semiconductor MZP4738A Datasheet HTML 6Page - ON Semiconductor MZP4738A Datasheet HTML 7Page - ON Semiconductor MZP4738A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
MZP4729A Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless
otherwise noted, VF = 1.5 V Max @ IF = 200 mA for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Breakdown Voltage
IF
Forward Current
VF
Forward Voltage @ IF
IR
Surge Current @ TA = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com