Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F008AST Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS28F008AST
Description  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F008AST Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS28F008AST Datasheet HTML 6Page - Texas Instruments TMS28F008AST Datasheet HTML 7Page - Texas Instruments TMS28F008AST Datasheet HTML 8Page - Texas Instruments TMS28F008AST Datasheet HTML 9Page - Texas Instruments TMS28F008AST Datasheet HTML 10Page - Texas Instruments TMS28F008AST Datasheet HTML 11Page - Texas Instruments TMS28F008AST Datasheet HTML 12Page - Texas Instruments TMS28F008AST Datasheet HTML 13Page - Texas Instruments TMS28F008AST Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED MARCH 1998
10
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
architecture
The TMS28F008Axy and TMS28F800Axy use a blocked architecture to allow independent erasure of selected
memory blocks. The block to be erased is selected by using any valid address within that block.
block memory maps (’28F800Axy 16-bit configuration)
The TMS28F800Axy is available with the block architecture mapped in either of two configurations: the boot
block located at the top or at the bottom of the memory array, as required by different microprocessors. The
TMS28F800AxB (bottom boot block) is mapped with the 8K-word boot block located at the low-order address
range (00000h to 01FFFh). The TMS28F800AxT (top boot block) is inverted with respect to the TMS28F800AxB
with the boot block located at the high-order address range (7E000h to 7FFFFh). Both of these address ranges
are for word-wide mode. Figure 1 and Figure 2 show the memory maps for these configurations.
block memory maps (’28F008Axy and ’28F800Axy 8-bit configuration)
The TMS28F008Axy and TMS28F800Axy are available with the block architecture mapped in either of two
configurations: the boot block located at the top (e.g., TMS28F008AxT) or at the bottom (e.g., TMS28F008AxB)
of the memory array, as required by different microprocessors. The ’28F008AxB and ’28F800AxB (8-bit) are
mapped with 16K-byte boot block located at the low-order address range (00000h to 03FFFh). The
TMS28F008AxT and TMS28F800AxT (8-bit) are inverted with respect to the TMS28F008AxB models with the
boot block located at the higher-order address range (FC000h to FFFFFh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com