Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTLD10CE3C Datasheet(PDF) 9 Page - Finisar Corporation.

Part # FTLD10CE3C
Description  100GBASE-SR10 100m CXP Optical Transceiver Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLD10CE3C Datasheet(HTML) 9 Page - Finisar Corporation.

Back Button FTLD10CE3C Datasheet HTML 4Page - Finisar Corporation. FTLD10CE3C Datasheet HTML 5Page - Finisar Corporation. FTLD10CE3C Datasheet HTML 6Page - Finisar Corporation. FTLD10CE3C Datasheet HTML 7Page - Finisar Corporation. FTLD10CE3C Datasheet HTML 8Page - Finisar Corporation. FTLD10CE3C Datasheet HTML 9Page - Finisar Corporation. FTLD10CE3C Datasheet HTML 10Page - Finisar Corporation. FTLD10CE3C Datasheet HTML 11Page - Finisar Corporation. FTLD10CE3C Datasheet HTML 12Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FTLD10CE3C CXP Transceiver Product Specification
F i n i s a r
 Finisar Corporation – 3-Dec-14
Rev B4
Page 9
V.
Optical Characteristics (TOP = 0 to 70C, VCC = 3.3 ± 5% Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter (per Lane)
Signaling Speed per Lane
11.3
GBd
1
Center wavelength
840
860
nm
RMS Spectral Width
SW
0.65
nm
Average Launch Power per Lane
TXPx
-7.6
2.4
dBm
Transmit OMA per Lane
TxOMA
-5.6
3.0
dBm
2
Difference in Power between any two
lanes [OMA]
DPx
4.0
dB
Peak Power per Lane
PPx
4.0
dBm
Launch Power [OMA] minus TDP per
Lane
P-TDP
-6.5
dBm
TDP per Lane
TDP
3.5
dBm
Optical Extinction Ratio
ER
3.0
dB
Optical Return Loss Tolerance
ORL
12
dB
Encircled Flux
FLX
> 86% at 19 um
< 30% at 4.5 um
dBm
Average launch power of OFF
transmitter, per lane
-30
dBm
Relative Intensity Noise
RIN
-128
dB/Hz
3
Transmitter eye mask definition {X1,
X2, X3, Y1, Y2, Y3}
0.23, 0.34, 0.43, 0.27, 0.35, 0.4
Receiver (per Lane)
Signaling Speed per Lane
11.3
GBd
4
Center wavelength
840
860
nm
Damage Threshold
DT
3.4
dBm
Average Receive Power per Lane
RXPx
-9.5
2.4
dBm
Receive Power (OMA) per Lane
RxOMA
3.0
dBm
Stressed Receiver Sensitivity (OMA)
per Lane
SRS
-5.4
dBm
Peak Power, per lane
PPx
4
dBm
Receiver Reflectance
Rfl
-12
dB
Vertical eye closure penalty, per lane
1.9
dB
Stressed eye J2 jitter, per Lane
0.3
UI
Stressed eye J9 jitter, per Lane
0.47
UI
OMA of each aggressor lane
-0.4
dBm
Receiver jitter tolerance [OMA], per
Lane
-5.4
dBm
Rx jitter tolerance: Jitter frequency
and p-p amplitude
(75, 5)
kHz, UI
(375, 1)
kHz, UI
LOS De-Assert
LOSD
-12.5
dBm
LOS Assert
LOSA
-30.0
-15.5
dBm
LOS Hysteresis
1
dB
Notes:
1.
Transmitter consists of 12 lasers operating at a maximum rate of 11.3Gb/s each.
2.
Even if TDP is <0.9dB, the OMA min must exceed this value.
3.
RIN is scaled by 10*log (10/4) to maintain SNR outside of transmitter.
4.
Receiver consists of 12 photodetectors operating at a maximum rate of 11.3Gb/s each.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com