Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3222CPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3222CPWR
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3222CPWR Datasheet(HTML) 2 Page - Texas Instruments

  MAX3222CPWR Datasheet HTML 1Page - Texas Instruments MAX3222CPWR Datasheet HTML 2Page - Texas Instruments MAX3222CPWR Datasheet HTML 3Page - Texas Instruments MAX3222CPWR Datasheet HTML 4Page - Texas Instruments MAX3222CPWR Datasheet HTML 5Page - Texas Instruments MAX3222CPWR Datasheet HTML 6Page - Texas Instruments MAX3222CPWR Datasheet HTML 7Page - Texas Instruments MAX3222CPWR Datasheet HTML 8Page - Texas Instruments MAX3222CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MAX3222
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS408G − JANUARY 2000 − REVISED MARCH 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
The MAX3222 can be placed in the power-down mode by setting PWRDOWN low, which draws only 1
µA from
the power supply. When the device is powered down, the receivers remain active while the drivers are placed
in the high-impedance state. Also, during power down, the onboard charge pump is disabled; V+ is lowered to
VCC, and V− is raised toward GND. Receiver outputs also can be placed in the high-impedance state by setting
EN high.
Function Tables
EACH DRIVER
INPUTS
OUTPUT
DIN
PWRDOWN
OUTPUT
DOUT
X
L
Z
L
HH
H
H
L
H = high level, L = low level, X = irrelevant,
Z = high impedance
EACH RECEIVER
INPUTS
OUTPUT
RIN
EN
OUTPUT
ROUT
L
L
H
H
LL
X
HZ
Open
L
H
H = high level, L = low level, X = irrelevant,
Z = high impedance (off), Open = input
disconnected or connected driver off
logic diagram (positive logic)
DIN2
DOUT2
12
8
Powerdown
RIN1
16
20
15
PWRDOWN
ROUT1
DIN1
DOUT1
13
17
RIN2
9
10
ROUT2
1
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com