Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP27AFKB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OP27AFKB
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OP27AFKB Datasheet(HTML) 12 Page - Texas Instruments

Back Button OP27AFKB Datasheet HTML 8Page - Texas Instruments OP27AFKB Datasheet HTML 9Page - Texas Instruments OP27AFKB Datasheet HTML 10Page - Texas Instruments OP27AFKB Datasheet HTML 11Page - Texas Instruments OP27AFKB Datasheet HTML 12Page - Texas Instruments OP27AFKB Datasheet HTML 13Page - Texas Instruments OP27AFKB Datasheet HTML 14Page - Texas Instruments OP27AFKB Datasheet HTML 15Page - Texas Instruments OP27AFKB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
OP27A, OP27C
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL-AMPLIFIER
SLOS100E − FEBRUARY 1989 − REVISED FEBRUARY 2010
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
EQUIVALENT INPUT NOISE VOLTAGE
vs
BANDWIDTH
VCC ± = ± 15 V
RS = 20 Ω
TA = 25°C
10
1
0.1
0.01
0.1
110
100
Bandwidth − kHz
(0.1 Hz to frequency indicated)
TOTAL EQUIVALENT INPUT NOISE VOLTAGE
vs
SOURCE RESISTANCE
10 k
1 k
100
100
10
1
RS − Source Resistance − Ω
−
+
RS = R1 + R2
R1
R2
f = 1 kHz
Resistor Noise Only
f = 10 Hz
VCC ± = ± 15 V
BW = 1 Hz
TA = 25°C
Figure 17
Figure 18
OP27A
EQUIVALENT INPUT NOISE VOLTAGE
vs
TOTAL SUPPLY VOLTAGE
VCC + − VCC − − Total Supply Voltage − V
RS = 20 Ω
BW = 1 Hz
TA = 25°C
f = 10 Hz
20
15
10
5
0
010
20
30
40
f = 1 kHz
− 50
− 25
0
25
50
75
100
125
TA − Free-Air Temperature − °C
OP27A
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREE-AIR TEMPERATURE
VCC ± = ± 15 V
RS = 20 Ω
BW = 1 Hz
5
4
3
2
1
f = 10 Hz
f = 1 kHz
Figure 19
Figure 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com