Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G32DP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HC2G32DP
Description  Dual 2-input OR gate
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G32DP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC2G32DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 9Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 10Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 11Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 12Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 13Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 14Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 15Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
2003 Oct 30
12
Philips Semiconductors
Product specification
Dual 2-input OR gate
74HC2G32; 74HCT2G32
Type 74HCT2G32
GND = 0 V; tr =tf ≤ 6.0 ns; CL =50pF.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb =25 °C
tPHL/tPLH
propagation delay nA,
nB to nY
see Figs 5 and 6
4.5
−
13
24
ns
tTHL/tTLH
output transition time
see Figs 5 and 6
4.5
−
615
ns
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay nA,
nB to nY
see Figs 5 and 6
4.5
−−
30
ns
tTHL/tTLH
output transition time
see Figs 5 and 6
4.5
−−
19
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nA,
nB to nY
see Figs 5 and 6
4.5
−−
36
ns
tTHL/tTLH
output transition time
see Figs 5 and 6
4.5
−−
22
ns
AC WAVEFORMS
handbook, halfpage
MNA735
tPLH
tPHL
VM
VM
90%
10%
VM
VM
nY output
nA, nB input
VI
GND
VOH
VOL
tTLH
tTHL
Fig.5 The input (nA, nB) to output (nY) propagation delays and transition times.
For 74HC2G32: VM = 50%; VI = GND to VCC.
For 74HCT2G32: VM = 1.3 V; VI = GND to 3.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com