Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-TRP-R9UR-30 Datasheet(PDF) 2 Page - Texas Instruments

Part # RI-TRP-R9UR-30
Description  85mm DISK TRANSPONDER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RI-TRP-R9UR-30 Datasheet(HTML) 2 Page - Texas Instruments

  RI-TRP-R9UR-30 Datasheet HTML 1Page - Texas Instruments RI-TRP-R9UR-30 Datasheet HTML 2Page - Texas Instruments RI-TRP-R9UR-30 Datasheet HTML 3Page - Texas Instruments RI-TRP-R9UR-30 Datasheet HTML 4Page - Texas Instruments RI-TRP-R9UR-30 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.ti.com
OPERATING CHARACTERISTICS
RI-TRP-R9UR, RI-TRP-W9UR
SCBS839 – SEPTEMBER 2001
over operating free-air temperature range (unless otherwise noted)
PART NUMBER
PARAMETER
UNIT
RI-TRP-R9UR
RI-TRP-W9UR
Functionality
Read Only
Read/Write
Memory (Bits)
64
80(1)
Memory (Pages)
1
1
Operating Frequency
134.2
kHz
Modulation
FSK (Frequency Shift Keying) 134.2 kHz / 123.2 kHz
Transmission Principle
HDX (Half Duplex)
Power Source
Powered from the reader signal (batteryless)
Typical Reading Range
≤ 150(2)
cm
Typical Programming Range
—
30% of specified reading range
Typical Reading Time
70
ms
Typical Programming Time
—
309
ms
Typical Programming Cycles
—
100,000
Case Material
Acrylate-Styrene-Acrylonitrile (ASA), black
Protection Class
IP 53
Programmed code is not affected by normal electromagnetic interference or
EMC
x-rays
Signal Penetration
Transponder can be read through virtually all non-metallic material
Mechanical Shock
IEC 68-2-27, Test Ea; 15 g, 18 ms, half sine, 2 axes, 5 shocks per axis
Vibration
IEC 68-2-6, Test Fc; 10 g, 20 – 500 Hz, 2 axes, 10 cycles per axis
Dimensions
Ø 85.5 mm
± 0.5 mm × 5.5 mm ± 0.5 mm
Weight
35
g
(1)
We recommend that you split each 80 bit page into 64 user programmable bits plus a 16 bit wide CRC CCITT Block Check Character as
is done by TI-RFid™ LF readers.
(2)
Depending on RF regulation in country of use, the Reader Antenna configuration used, and the environmental conditions.
2
Submit Documentation Feedback
Obsolete Devices



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com