Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-TRP-R9VS Datasheet(PDF) 2 Page - Texas Instruments

Part # RI-TRP-R9VS
Description  MOUNT-ON-METAL TRANSPONDER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RI-TRP-R9VS Datasheet(HTML) 2 Page - Texas Instruments

  RI-TRP-R9VS Datasheet HTML 1Page - Texas Instruments RI-TRP-R9VS Datasheet HTML 2Page - Texas Instruments RI-TRP-R9VS Datasheet HTML 3Page - Texas Instruments RI-TRP-R9VS Datasheet HTML 4Page - Texas Instruments RI-TRP-R9VS Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
OPERATING CHARACTERISTICS
RI-TRP-R9VS, RI-TRP-W9VS
SCBS876 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
RI-TRP-R9VS, RI-TRP-W9VS
Operating Temperature
–25 to 70°C
Storage Temperature
–25 to 85°C
over operating free-air temperature range (unless otherwise noted)
RI-TRP-R9VS
RI-TRP-W9VS
Functionality
Read only
Read/write
Memory (Bits)
64
80
Memory (Pages)
1
1
Operating Frequency
134.2 kHz
Modulation
FSK (frequency shift keying) 134.2 kHz / 123.2 kHz
Transmission Principle
HDX (half duplex)
Power Source
Powered from the reader signal
Typical Reading Range
≤120 cm(1)
Typical Programming Range
—
30% of typical reading range
Typical Reading Time
70 ms
Typical Programming Time
—
309 ms
Typical Programming Cycles
—
100,000
Case Material
Polypropylene, black
Protection Class
IP 67
Mounting
With screws or rivets on aluminum, iron, or steel
EMC
Programmed code is not affected by normal electromagnetic interference or X-rays
Signal Penetration
Transponder can be read through virtually all non-metallic material
Mechanical Shock
IEC 68-2-27, Test Ea; 200 g, half sine, 3 ms, 3 axes, 6 shocks per axis
Vibration
IEC 68-2-6, Test Fc; 20 g, 20 - 500 Hz, 3 axes, 10 cycles per axis
Dimensions
102 mm ± 1 mm × 36 mm ± 1 mm × 16.5 mm ± 1 mm
Weight
43 g
(1)
Depending on RF regulation in country of use, the reader antenna configuration used, and the environmental conditions.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): RI-TRP-R9VS RI-TRP-W9VS
Obsolete device



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com