Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1002IDZHK Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETV1002IDZHK
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1002IDZHK Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETV1002IDZHK Datasheet HTML 10Page - Texas Instruments TNETV1002IDZHK Datasheet HTML 11Page - Texas Instruments TNETV1002IDZHK Datasheet HTML 12Page - Texas Instruments TNETV1002IDZHK Datasheet HTML 13Page - Texas Instruments TNETV1002IDZHK Datasheet HTML 14Page - Texas Instruments TNETV1002IDZHK Datasheet HTML 15Page - Texas Instruments TNETV1002IDZHK Datasheet HTML 16Page - Texas Instruments TNETV1002IDZHK Datasheet HTML 17Page - Texas Instruments TNETV1002IDZHK Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
Introduction
4
June 2001 -- Revised December 2002
SPRS180C
2.2
Pin Assignments
Figure 2--2 illustrates the ball locations for the 257-ball ball grid array (BGA) package and is used in
conjunction with Table 2--1 to locate signal names and ball grid numbers.
19
17
16
13
14
15
11
12
9
8
10
V
U
W
R
N
P
L
M
K
T
7
5
6
3
4
H
F
G
E
C
D
1
A
B
2
J
18
Figure 2--2. 257-Ball GHK Package (Bottom View)
Table 2--1.
Pin Assignments for the GHK Package
BALL
NO.
SIGNAL
NAME
BALL
NO.
SIGNAL
NAME
BALL
NO.
SIGNAL
NAME
BALL
NO.
SIGNAL
NAME
B2
GPIO02
B1
GPIO03
D3
GPIO04
C2
GPIO05/
SDRAM_CKE
C1
GPIO06/
CLK16X_IRDA/SD_IRDA
D2
GPIO07/
TX_IRDA/TXIR_IRDA
D1
GPIO08/
RX_IRDA/RXIR_IRDA
E3
DVDD
F5
GPIO09/
TX_MODEM
G6
VSS
E2
GPIO10/
RX_MODEM
E1
GPIO11/
CTS_MODEM
F3
GPIO12/
RTS_MODEM
F2
GPIO13/
DCD_MODEM
G5
CVDD
F1
GPIO18/
AUDIO_CLK
H6
GPIO19/
TIMER_OUT
G3
GPIO00
G2
GPIO14/
MCUEN2
G1
GPIO16/
SDA
H5
DVDD
H3
GPIO17/
SCL
H2
VSS
H1
KBGPIO14/
DSP_CLKOUT
J1
KBGPIO02/
ARM_OPC
J2
KBGPIO03/
ARM_MREQ
J3
KBGPIO04/
ARM_EXEC
J5
KBGPIO06/
ARM_FIQ
J6
KBGPIO07/
ARM_IRQ
K1
KBGPIO13/
DSP_TOUT
K2
KBGPIO11/
DSP_IAQ
K3
CVDD
K5
KBGPIO05/
ARM_TBIT
K6
KBGPIO01/
DSP_XF
L1
KBGPIO15/
ARM_MCLK
L2
KBGPIO00
L3
VSS
L6
KBGPIO12/
DSP_MSC
L5
KBGPIO10/
DSP_IACK
M1
KBGPIO08
NOTE: DVDD is the 3.3 V power supply for the I/O pins while CVDD is the 1.8 V power supply for the core CPU. VSS is the ground for both the
I/O pins and the core CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com