Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 35Page - Texas Instruments TMS320VC5441 Datasheet HTML 36Page - Texas Instruments TMS320VC5441 Datasheet HTML 37Page - Texas Instruments TMS320VC5441 Datasheet HTML 38Page - Texas Instruments TMS320VC5441 Datasheet HTML 39Page - Texas Instruments TMS320VC5441 Datasheet HTML 40Page - Texas Instruments TMS320VC5441 Datasheet HTML 41Page - Texas Instruments TMS320VC5441 Datasheet HTML 42Page - Texas Instruments TMS320VC5441 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
Functional Overview
39
December 1999 − Revised October 2008
SPRS122F
3.2.3 Multichannel Buffered Serial Port (McBSP)
The 5441 device provides high-speed, full-duplex serial ports that allow direct interface to other C54x/LC54x
devices, codecs, and other devices in a system. There are twelve multichannel buffered serial ports (McBSPs)
on chip (three per subsystem).
The McBSP provides:
•
Full-duplex communication
•
Double-buffer data registers, which allow a continuous data stream
•
Independent framing and clocking for receive and transmit
In addition, the McBSP has the following capabilities:
•
Direct interface to:
−
T1/E1 framers
−
MVIP switching-compatible and ST-BUS compliant devices
−
IOM-2 compliant device
−
AC97-compliant device
−
Serial peripheral interface (SPI)
•
Multichannel transmit and receive of up to 128 channels
•
A wide selection of data sizes, including: 8, 12, 16, 20, 24, or 32 bits
•µ-law and A-law companding
•
Programmable polarity for both frame synchronization and data clocks
•
Programmable internal clock and frame generation
3.2.3.1
McBSP Clock Source
The 5441 McBSPs allow either the receive clock pin (BCLKRn) or the transmit clock pin (BCLKXn) to be
configured as the input clock to the sample rate generator. This enhancement is enabled through two register
bits: bit 7 [the enhanced sample clock mode bit (SCLKME)] of the pin control register (PCR), and bit 13 [the
McBSP sample rate generator clock mode bit (CLKSM)] of the sample rate generator register 2 (SRGR2).
SCLKME is an addition to the PCR contained in the McBSPs on previous TMS320C5000
 DSP platform
devices. The new bit layout of the PCR is shown in Figure 3−15. For a description of the remaining bits, see
TMS320C54x DSP Reference Set, Volume 5: Enhanced Peripherals (literature number SPRU302).
15
14
13
12
11
10
9
8
Reserved
XIOEN
RIOEN
FSXM
FSRM
CLKXM
CLKRM
R,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
7
6
54
3
210
SCLKME
CLKS_STAT
DX_STAT
DR_STAT
FSXP
FSRP
CLKXP
CLKRP
RW,+0
R,+0
R,+0
R,+0
RW,+0
RW,+0
RW,+0
RW,+0
LEGEND: R = Read, W = Write, +0 = Value at reset
Figure 3−15. Pin Control Register (PCR)
TMS320C5000 is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com