Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54AS30 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN54AS30
Description  8-INPUT POSITIVE-NAND GATES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54AS30 Datasheet(HTML) 2 Page - Texas Instruments

  SN54AS30 Datasheet HTML 1Page - Texas Instruments SN54AS30 Datasheet HTML 2Page - Texas Instruments SN54AS30 Datasheet HTML 3Page - Texas Instruments SN54AS30 Datasheet HTML 4Page - Texas Instruments SN54AS30 Datasheet HTML 5Page - Texas Instruments SN54AS30 Datasheet HTML 6Page - Texas Instruments SN54AS30 Datasheet HTML 7Page - Texas Instruments SN54AS30 Datasheet HTML 8Page - Texas Instruments SN54AS30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
3
1
4
2
5
6
11
12
C
A
D
B
E
F
H
G
8
Y
3
1
4
8
2
5
6
11
12
C
A
D
B
E
F
H
G
Y
SN54ALS30A, SN54AS30, SN74ALS30A, SN74AS30
SDAS010E – APRIL 1982 – REVISED OCTOBER 2012
www.ti.com
Table 1. FUNCTION TABLE
INPUTS
OUTPUT
A–H
Y
All inputs H
L
One or more inputs L
H
LOGIC SYMBOL
A.
This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin number shown are for the D, DB, J, and N packages.
LOGIC DIAGRAM (POSITIVE LOGIC)
Pin number shown are for the D, DB, J, and N packages.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range
–0.5
7
V
D package
86
θJA
Package thermal impedance(2)
DB package
96
°C/W
N package
80
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 1982–2012, Texas Instruments Incorporated
Product Folder Links: SN54ALS30A SN54AS30 SN74ALS30A SN74AS30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com