Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM803 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM803
Description  Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM803 Datasheet(HTML) 2 Page - Analog Devices

  ADM803 Datasheet HTML 1Page - Analog Devices ADM803 Datasheet HTML 2Page - Analog Devices ADM803 Datasheet HTML 3Page - Analog Devices ADM803 Datasheet HTML 4Page - Analog Devices ADM803 Datasheet HTML 5Page - Analog Devices ADM803 Datasheet HTML 6Page - Analog Devices ADM803 Datasheet HTML 7Page - Analog Devices ADM803 Datasheet HTML 8Page - Analog Devices ADM803 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. C
–2–
ADM803/ADM809/ADM810–SPECIFICATIONS(V
CC = full operating range, TA = TMIN to TMAX,
VCC Typ = 5 V for L/M/J models, 3.3 V for T/S models, 3 V for R models, 2.5 V for Z models, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VCC OPERATING VOLTAGE RANGE
1.0
5.5
V
TA = 0
°C to 70°C
1.2
5.5
V
TA = –40
°C to +125°C
Supply Current
24
35
µAV
CC < 5.5 V, ADM8_L/M/J,
TA = –40
°C to +85°C
17
30
µAV
CC < 3.6 V, ADM8_R/S/T/Z,
TA = –40
°C to +85°C
60
µAVCC < 5.5 V, ADM8_L/M/J,
TA = 85
°C to 125°C
60
µAV
CC < 3.6 V, ADM8_R/S/T/Z,
TA = 85
°C to 125°C
RESET THRESHOLD
Reset Voltage Threshold
ADM8_L
4.56
4.63
4.70
V
TA = 25
°C
ADM8_L
4.50
4.75
V
TA = –40
°C to +85°C
ADM8_L
4.44
4.82
V
TA = –40
°C to +125°C
ADM8_M
4.31
4.38
4.45
V
TA = 25
°C
ADM8_M
4.25
4.50
V
TA = –40
°C to +85°C
ADM8_M
4.20
4.56
V
TA = –40
°C to +125°C
ADM8_J
*
3.93
4.00
4.06
V
TA = 25
°C
ADM8_J
*
3.89
4.10
V
TA = –40
°C to +85°C
ADM8_J
*
3.80
4.20
V
TA = –40
°C to +125°C
ADM8_T
3.04
3.08
3.11
V
TA = 25
°C
ADM8_T
3.00
3.15
V
TA = –40
°C to +85°C
ADM8_T
2.95
3.21
V
TA = –40
°C to +125°C
ADM8_S
2.89
2.93
2.96
V
TA = 25
°C
ADM8_S
2.85
3.00
V
TA = –40
°C to +85°C
ADM8_S
2.81
3.05
V
TA = –40
°C to +125°C
ADM8_R
2.59
2.63
2.66
V
TA = 25
°C
ADM8_R
2.55
2.70
V
TA = –40
°C to +85°C
ADM8_R
2.52
2.74
V
TA = –40
°C to +125°C
ADM8_Z
2.28
2.32
2.35
V
TA = 25
°C
ADM8_Z
2.25
2.38
V
TA = –40
°C to +85°C
ADM8_Z
2.22
2.42
V
TA = –40
°C to +125°C
RESET THRESHOLD TEMPERATURE
COEFFICIENT
30
ppm/
°C
VCC to Reset Delay
20
µsV
CC = VTH to (VTH – 100 mV)
RESET ACTIVE TIMEOUT PERIOD
140
240
460
ms
TA = –40
°C to +85°C
100
840
ms
TA = 85
°C to 125°C
RESET OUTPUT VOLTAGE LOW
0.3
V
VCC = VTH min, ISINK = 1.2 mA,
(ADM803/ADM809)
ADM803R/S/T/Z, ADM809R/S/T/Z
0.4
V
VCC = VTH min, ISINK = 3.2 mA,
ADM803L/M/J, ADM809L/M/J
0.3
V
VCC >1.0 V, ISINK = 50
µA
RESET OUTPUT VOLTAGE HIGH
0.8 VCC
VVCC > VTH max, ISOURCE = 500
µA,
(ADM809)
ADM809R/S/T/Z
VCC – 1.5
V
VCC > VTH max, ISOURCE = 800
µA,
ADM809L/M/J
RESET OUTPUT VOLTAGE LOW
(ADM810)
0.3
V
VCC = VTH min, ISINK = 1.2 mA,
ADM810R/S/T/Z
0.4
V
VCC = VTH min, ISINK = 3.2 mA,
ADM810L/M/J
RESET OUTPUT VOLTAGE HIGH
(ADM810)
0.8 VCC
V
1.8 V < VCC < VTH min,
ISOURCE = 150
µA
RESET OPEN-DRAIN OUTPUT
Leakage Current (ADM803)
1
µAVCC > VTH, reset de-asserted
*ADM809/ADM810 only.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com