Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320VC549 Datasheet HTML 1Page - Texas Instruments TMS320VC549 Datasheet HTML 2Page - Texas Instruments TMS320VC549 Datasheet HTML 3Page - Texas Instruments TMS320VC549 Datasheet HTML 4Page - Texas Instruments TMS320VC549 Datasheet HTML 5Page - Texas Instruments TMS320VC549 Datasheet HTML 6Page - Texas Instruments TMS320VC549 Datasheet HTML 7Page - Texas Instruments TMS320VC549 Datasheet HTML 8Page - Texas Instruments TMS320VC549 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Table of Contents
Revision History
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Description
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin Assignments
6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Descriptions
7
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Absolute Maximum Ratings
12
. . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions
12
. . . . . . . . . . .
Electrical Characteristics
13
. . . . . . . . . . . . . . . . . . . . . .
Parameter Measurement Information
14
. . . . . . . . . . . .
Timing Parameter Symbology
14
. . . . . . . . . . . . . . . . . .
Signal Transition Reference Points
14
. . . . . . . . . . . . . .
Internal Oscillator With External Crystal
15
. . . . . . . . .
Divide-By-Two/Divide-By-Four Clock Option
16
. . . . .
Multiply-By-N Clock Option
18
. . . . . . . . . . . . . . . . . . . .
Memory and Parallel I/O Interface Timing
20
. . . . . . . .
SPICE Simulation Results
28
. . . . . . . . . . . . . . . . . . . . .
Ready Timing for Externally Generated Wait States 31
HOLD and HOLDA Timing
36
. . . . . . . . . . . . . . . . . . . . .
Reset, BIO, Interrupt, and MP/MC Timings
38
. . . . . . .
Serial Port Receive Timing
42
. . . . . . . . . . . . . . . . . . . . .
Buffered Serial Port Receive Timing
45
. . . . . . . . . . . . .
Serial-Port Receive Timing in TDM Mode
49
. . . . . . . .
Host-Port Interface Timing
53
. . . . . . . . . . . . . . . . . . . . .
Mechanical Data
59
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
REVISION HISTORY
This data sheet revision history highlights the technical changes made to the SPRS078F device-specific data
sheet to make it an SPRS078G revision.
Scope: Applicable updates to the C5x device family, specifically relating to the C549 device, have been incorpo-
rated. Updated the device-specific information supporting the VC549, 8.3-ns, 120 MIPS device, which is now in
the production data (PD) state of development.
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
1
Features:
Deleted “(Product Preview Data)” from the “8.3-ns Single-Cycle Fixed-Point Instruction Execution Time (120 MIPS) for 3.3-V
Power Supply (2.5-V Core)” feature
Deleted NOTE about data for the 8.3-ns, 120 MIPS device being Product Preview data
11
’549 Signal Descriptions table, IEEE1149.1 TEST PINS:
Added “This pin should be pulled high with a separate 4.7-k
Ω resistor” to the EMU0 pin DESCRIPTION
Added “This pin should be pulled high with a separate 4.7-k
Ω resistor” to the EMU1/OFF pin DESCRIPTION
13
Electrical Characteristics Over Recommended Operating Case Temperature Range table:
IDD, Supply current, standby, IDLE3 (VC549-120 only):
Deleted the TYP value of “170”
µA
Added the TYP value of “5” mA for “25
°C” TEST CONDITIONS
Added the TYP value of “50” mA for “100
°C” TEST CONDITIONS
42
Serial Port Receive Timing section:
Timing Requirements Over Recommended Operating Conditions for Serial Port Receive table:
Changed the MIN value of “th(FSR), Hold time, FSR after CLKR falling edge” from “4” to “6” ns
Changed the MIN value of “tsu(DR), Setup time, DR before CLKR falling edge” from “6” to “4” ns
59
Mechanical Data section:
Deleted the “PGE (S−PQFP−G144)” and GGU “(S−PBGA−N144)” mechanical data package diagrams; now an automated
merge process
Added lead-in sentences for the thermal resistance characteristics table(s) and the “merged” mechanical data packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com