Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017T-E/ML Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP23017T-E/ML
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017T-E/ML Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP23017T-E/ML Datasheet HTML 3Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 4Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 5Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 6Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 7Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 8Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 9Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 10Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
 2005-2016 Microchip Technology Inc.
DS20001952C-page 7
MCP23017/MCP23S17
90
START Condition Setup Time:
TSU:STA
100 kHz mode
4.7
—
—
µs
1.8V – 5.5V
400 kHz mode
0.6
—
—
µs
2.7V – 5.5V
1.7 MHz mode
0.16
—
—
µs
4.5V – 5.5V
91
START Condition Hold Time:
THD:STA
100 kHz mode
4.0
—
—
µs
1.8V – 5.5V
400 kHz mode
0.6
—
—
µs
2.7V – 5.5V
1.7 MHz mode
0.16
—
—
µs
4.5V – 5.5V
106
Data Input Hold Time:
THD:DAT
100 kHz mode
0
—
3.45
µs
1.8V – 5.5V
400 kHz mode
0
—
0.9
µs
2.7V – 5.5V
1.7 MHz mode
0
—
0.15
µs
4.5V – 5.5V
107
Data Input Setup Time:
TSU:DAT
100 kHz mode
250
—
—
ns
1.8V – 5.5V
400 kHz mode
100
—
—
ns
2.7V – 5.5V
1.7 MHz mode
0.01
—
—
µs
4.5V – 5.5V
92
Stop Condition Setup Time:
TSU:STO
100 kHz mode
4.0
—
—
µs
1.8V – 5.5V
400 kHz mode
0.6
—
—
µs
2.7V – 5.5V
1.7 MHz mode
0.16
—
—
µs
4.5V–5.5V
109
Output Valid From Clock:
TAA
100 kHz mode
—
—
3.45
µs
1.8V – 5.5V
400 kHz mode
—
—
0.9
µs
2.7V – 5.5V
1.7 MHz mode
—
—
0.18
µs
4.5V – 5.5V
110
Bus Free Time:
TBUF
100 kHz mode
4.7
—
—
µs
1.8V – 5.5V
400 kHz mode
1.3
—
—
µs
2.7V – 5.5V
1.7 MHz mode
N/A
—
N/A
µs
4.5V – 5.5V
111
Bus Capacitive Loading:
CB
100 kHz and 400 kHz
—
—
400
pF
Note 1
1.7 MHz
—
—
100
pF
Note 1
112
Input Filter Spike Suppression
(SDA and SCL):
TSP
100 kHz and 400 kHz
—
—
50
ns
1.7 MHz
—
—
10
ns
Spike suppression off
TABLE 1-3:
I2C BUS DATA REQUIREMENTS (CONTINUED)
I2C Interface AC Characteristics: Unless otherwise noted, 1.8V
V
DD  5.5V at -40C  TA  +125C, RPU (SCL,
SDA) = 1 k
, C
L (SCL, SDA) = 135 pF
Param.
No.
Characteristic
Sym.
Min.
Typ.
Max. Units
Conditions
Note 1:
This parameter is characterized, not 100% tested.
2:
CB is specified to be from 10 to 400 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com