Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017-E/ML Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP23017-E/ML
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017-E/ML Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP23017-E/ML Datasheet HTML 19Page - Microchip Technology MCP23017-E/ML Datasheet HTML 20Page - Microchip Technology MCP23017-E/ML Datasheet HTML 21Page - Microchip Technology MCP23017-E/ML Datasheet HTML 22Page - Microchip Technology MCP23017-E/ML Datasheet HTML 23Page - Microchip Technology MCP23017-E/ML Datasheet HTML 24Page - Microchip Technology MCP23017-E/ML Datasheet HTML 25Page - Microchip Technology MCP23017-E/ML Datasheet HTML 26Page - Microchip Technology MCP23017-E/ML Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
 2005-2016 Microchip Technology Inc.
DS20001952C-page 23
MCP23017/MCP23S17
3.5.9
INTERRUPT CAPTURED REGISTER
The INTCAP register captures the GPIO port value at
the time the interrupt occurred. The register is
read-only and is updated only when an interrupt
occurs. The register remains unchanged until the
interrupt is cleared via a read of INTCAP or GPIO.
3.5.10
PORT REGISTER
The GPIO register reflects the value on the port.
Reading from this register reads the port. Writing to this
register modifies the Output Latch (OLAT) register.
REGISTER 3-9:
INTCAP: INTERRUPT CAPTURED VALUE FOR PORT REGISTER (ADDR 0x08)
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
ICP7
ICP6
ICP5
ICP4
ICP3
ICP2
ICP1
ICP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
ICP<7:0>: Reflects the logic level on the port pins at the time of interrupt due to pin change <7:0>
1
= Logic-high
0
= Logic-low
REGISTER 3-10:
GPIO: GENERAL PURPOSE I/O PORT REGISTER (ADDR 0x09)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GP7
GP6
GP5
GP4
GP3
GP2
GP1
GP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
GP<7:0>: Reflects the logic level on the pins <7:0>
1
= Logic-high
0
= Logic-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com