Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AS30D Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AS30D
Description  8-INPUT POSITIVE-NAND GATES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS30D Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS30D Datasheet HTML 1Page - Texas Instruments SN74AS30D Datasheet HTML 2Page - Texas Instruments SN74AS30D Datasheet HTML 3Page - Texas Instruments SN74AS30D Datasheet HTML 4Page - Texas Instruments SN74AS30D Datasheet HTML 5Page - Texas Instruments SN74AS30D Datasheet HTML 6Page - Texas Instruments SN74AS30D Datasheet HTML 7Page - Texas Instruments SN74AS30D Datasheet HTML 8Page - Texas Instruments SN74AS30D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
18
3
1
17
4
2
16
5
15
6
14
7
13
8
C
N.C.
D
N.C.
E
12
9
11
10
H
N.C.
20 19
G
N.C.
N.C.
A 1
VCC
B 2
N.C.
C 3
H
D 4
G
E 5
N.C.
F 6
N.C.
GND 7
14
Y
(TOP VIEW)
13
12
11
10
9
8
SN54ALS30A, SN54AS30, SN74ALS30A, SN74AS30
www.ti.com
SDAS010E – APRIL 1982 – REVISED OCTOBER 2012
8-INPUT POSITIVE-NAND GATES
Check for Samples: SN54ALS30A, SN54AS30, SN74ALS30A, SN74AS30
1
FEATURES
DESCRIPTION
•
8-Input Positive-NAND Gates
These devices contain an 8-input positive-NAND gate
•
Available in J, DW, N, and FK Packages
and perform the following Boolean functions in
positive logic:
Y = A • B •C • D • E • F • G • H
or
Y = A + B + C + D + E + F + G
SN54ALS30A, SN54AS30 . . . J PACKAGE
SN54ALS30A, SN54AS30 . . . FK PACKAGE
SN74ALS30A, SN74AS30 . . . DW OR N PACKAGE
(TOP VIEW)
SN74AS30 . . . DB PACKAGE
N.C. – No internal connection
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SN74ALS30AN
SN74ALS30AN
PDIP – N
Tube
SN74AS30N
SN74AS30N
Tube
SN74AS30AD
ALS30A
0°C to 70°C
Tape and reel
SN74ALS30ADR
SOIC – D
Tube
SN74AS30D
AS30
Tape and reel
SN74AS30DR
SSOP – DB
Tape and reel
SN74AS30DBR
AS30
SNJ54ALS30AJ
SNJ54ALS30AJ
CDIP – J
Tube
SNJ54AS30J
SNJ54AS30J
–55°C to 125°C
SNJ54ALS30AFK
SNJ54ALS30AFK
LCCC –FK
Tube
SNJ54AS30FK
SNJ54AS30FK
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1982–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AS30D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS30D TI-SN74AS30D Datasheet
94Kb / 6P
8-INPUT POSITIVE-NAND GATES
SN74AS30D TI-SN74AS30D Datasheet
574Kb / 19P
8-INPUT POSITIVE-NAND GATES
SN74AS30D TI-SN74AS30D Datasheet
695Kb / 18P
8-INPUT POSITIVE-NAND GATES
SN74AS30D TI1-SN74AS30D Datasheet
1Mb / 21P
8-INPUT POSITIVE-NAND GATES
SN74AS30DBR TI-SN74AS30DBR Datasheet
574Kb / 19P
8-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74AS30D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT11030 TI-54ACT11030 Datasheet
63Kb / 5P
8-INPUT POSITIVE-NAND GATES
REVISED APRIL 1993
SN5430 TI-SN5430 Datasheet
621Kb / 15P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A Datasheet
94Kb / 6P
8-INPUT POSITIVE-NAND GATES
SN54F30 TI-SN54F30 Datasheet
68Kb / 5P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_07 Datasheet
574Kb / 19P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_08 Datasheet
695Kb / 18P
8-INPUT POSITIVE-NAND GATES
SNJ54F30 TI-SNJ54F30 Datasheet
777Kb / 16P
8-INPUT POSITIVE-NAND GATES
54AC11030 TI1-54AC11030_09 Datasheet
81Kb / 5P
8-INPUT POSITIVE-NAND GATES
54ACT11030 TI1-54ACT11030_12 Datasheet
393Kb / 7P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A_18 Datasheet
1Mb / 21P
8-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com