Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19116T-E/MJ Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP19116T-E/MJ
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116T-E/MJ Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP19116T-E/MJ Datasheet HTML 17Page - Microchip Technology MCP19116T-E/MJ Datasheet HTML 18Page - Microchip Technology MCP19116T-E/MJ Datasheet HTML 19Page - Microchip Technology MCP19116T-E/MJ Datasheet HTML 20Page - Microchip Technology MCP19116T-E/MJ Datasheet HTML 21Page - Microchip Technology MCP19116T-E/MJ Datasheet HTML 22Page - Microchip Technology MCP19116T-E/MJ Datasheet HTML 23Page - Microchip Technology MCP19116T-E/MJ Datasheet HTML 24Page - Microchip Technology MCP19116T-E/MJ Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 246 page
background image
 2015-2016 Microchip Technology Inc.
DS20005479B-page 21
MCP19116/7
3.12
Temperature Management
3.12.1
THERMAL SHUTDOWN
To protect the MCP19116/7 from overtemperature
conditions, a 150°C junction temperature thermal
shutdown has been implemented. When the junction
temperature reaches this limit, the device disables the
output drivers. In Shutdown mode, both PDRV and
SDRV outputs are disabled and the overtemperature
flag (OTIF) is set in the PIR2 register. When the
junction temperature is reduced by 20°C to 130°C, the
MCP19116/7 can resume normal output drive
switching.
3.12.2
TEMPERATURE REPORTING
The MCP19116/7 devices have a second on-chip
temperature monitoring circuit that can be read by the
ADC through the analog test MUX. Refer to
Section 21.0
“Internal
Temperature
Indicator
Module” for details on this internal temperature
monitoring circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com