Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7351 Datasheet(PDF) 2 Page - Microchip Technology

Part # HV7351
Description  8-Channel, 짹70V, 3A Programmable High-Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7351 Datasheet(HTML) 2 Page - Microchip Technology

  HV7351 Datasheet HTML 1Page - Microchip Technology HV7351 Datasheet HTML 2Page - Microchip Technology HV7351 Datasheet HTML 3Page - Microchip Technology HV7351 Datasheet HTML 4Page - Microchip Technology HV7351 Datasheet HTML 5Page - Microchip Technology HV7351 Datasheet HTML 6Page - Microchip Technology HV7351 Datasheet HTML 7Page - Microchip Technology HV7351 Datasheet HTML 8Page - Microchip Technology HV7351 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
HV7351
DS20005412A-page 2
 2015 Microchip Technology Inc.
Package Types (Top View)
HV7351
11 x 11 VQFN*
DOUT2
AVDD
INV
TCK
CS1
A0
81
7
10
13
16
19
1
4
8
11
14
17
20
2
5
9
12
15
18
3
6
54
51
48
45
42
60
57
53
50
47
44
41
59
56
52
49
46
43
58
55
DIN2
SIZE
DVDD
SCK
EN
CW
CS2
DGND
TRIG
TCK
VLL
DOUT1
DIN1
A1
PVSS
VNN
VPF
PGND
VPF
DGND
VNF
VPP
PVDD
PGND
PGND
DGND
DVDD
PVSS
PGND
VNN
VNF
DGND
PVDD
VPP
VSUB
* Includes Exposed Thermal Pad (EP); see Table 2-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com