Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2902 Datasheet(PDF) 8 Page - Microchip Technology

Part # HV2902
Description  Low Harmonic Distortion, 32-Channel SPST
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2902 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HV2902 Datasheet HTML 4Page - Microchip Technology HV2902 Datasheet HTML 5Page - Microchip Technology HV2902 Datasheet HTML 6Page - Microchip Technology HV2902 Datasheet HTML 7Page - Microchip Technology HV2902 Datasheet HTML 8Page - Microchip Technology HV2902 Datasheet HTML 9Page - Microchip Technology HV2902 Datasheet HTML 10Page - Microchip Technology HV2902 Datasheet HTML 11Page - Microchip Technology HV2902 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
HV2802/HV2902
DS20005449A-page 8
 2015 Microchip Technology Inc.
1.1
Logic Timing and Truth Table
FIGURE 1-1:
Logic Timing Waveforms.
TABLE 1-1:
TRUTH TABLE (Notes 1 — 6)
D0
D1
•••
D15
D16
•••
D31
LE
CLR
SW0
SW1
•••
SW15 SW16
•••
SW31
L—
•••
——
•••
—L
L
OFF
—
•••
——
•••
—
H—
—
—
—
L
L
ON
—
—
—
—
—L
—
—
—
L
L—
OFF
—
—
—
—H
—
—
—
L
L
—
ON
—
—
—
—
—
—
—
—
L
L
—
——
——
—
—
—
—
—
L
L
—
——
——
—
—
L—
—
L
L—
—
OFF
—
—
——
H
—
—
L
L
—
—
ON
—
—
——
—
L
—
L
L
—
—
—
OFF
—
——
—
H
—
L
L
—
—
—
ON
—
—
—
—
—
—
L
L
—
——
——
—
—
—
—
—
L
L
—
——
——
—
—
—
—
—
L
L
—
——
——
—
—
—
—
—
L
L
—
——
——
——
—
—
L
L
L
—
—
—
—
OFF
——
—
—
H
L
L
—
—
—
—
ON
X
X
X
X
X
X
X
H
L
HOLD PREVIOUS STATE
X
X
X
X
X
X
X
X
H
ALL SWITCHES OFF
Legend:
X = Do not care; L = Low; H = High.
Note 1:
The 32 switches operate independently.
2:
Serial data is clocked in on the L to H transition of the CLK.
3:
All 32 switches go to a state retaining their latched condition at the rising edge of LE. When LE is low, the
shift register’s data flow through the latch.
4:
DOUT is high when data in register 31 is high.
5:
Shift register’s clocking has no effect on the switch states if LE is high.
6:
The CLR clear input overrides all other inputs.
50%
DN
DN-1
DN+1
50%
50%
50%
50%
50%
50%
50%
10%
50%
10%
DATA
IN
LE
CLOCK
DATA
OUT
OFF
ON
CLR
VOUT
(typical)
tWCL
tOFF
tWLE
tSU
tON
tDO
th
tSD
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com