Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19110-E/MJ Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP19110-E/MJ
Description  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110-E/MJ Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP19110-E/MJ Datasheet HTML 35Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 36Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 37Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 38Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 39Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 40Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 41Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 42Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 226 page
background image
 2013-2016 Microchip Technology Inc.
DS20002331D-page 39
MCP19110/11
REGISTER 6-2:
OCCON: OUTPUT OVERCURRENT CONTROL REGISTER
R/W-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
OCEN
OCLEB1
OCLEB0
OOC4
OOC3
OOC2
OOC1
OOC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
OCEN: Output Overcurrent DAC Control bit
1 = Output Overcurrent DAC is enabled
0 = Output Overcurrent DAC is disabled
bit 6-5
OCLEB<1:0>: Leading Edge Blanking
00 = 114 ns blanking
01 = 213 ns blanking
10 = 400 ns blanking
11 = 780 ns blanking
bit 4-0
OOC<4:0>: Output Overcurrent Configuration bits
00000 = 160 mV drop
00001 = 175 mV drop
00010 = 190 mV drop
00011 = 205 mV drop
00100 = 220 mV drop
00101 = 235 mV drop
00110 = 250 mV drop
00111 = 265 mV drop
01000 = 280 mV drop
01001 = 295 mV drop
01010 = 310 mV drop
01011 = 325 mV drop
01100 = 340 mV drop
01101 = 355 mV drop
01110 = 370 mV drop
01111 = 385 mV drop
10000 = 400 mV drop
10001 = 415 mV drop
10010 = 430 mV drop
10011 = 445 mV drop
10100 = 460 mV drop
10101 = 475 mV drop
10110 = 490 mV drop
10111 = 505 mV drop
11000 = 520 mV drop
11001 = 535 mV drop
11010 = 550 mV drop
11011 = 565 mV drop
11100 = 580 mV drop
11101 = 595 mV drop
11110 = 610 mV drop
11111 = 625 mV drop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com