Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16311 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP16311
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP16311 Datasheet HTML 9Page - Microchip Technology MCP16311 Datasheet HTML 10Page - Microchip Technology MCP16311 Datasheet HTML 11Page - Microchip Technology MCP16311 Datasheet HTML 12Page - Microchip Technology MCP16311 Datasheet HTML 13Page - Microchip Technology MCP16311 Datasheet HTML 14Page - Microchip Technology MCP16311 Datasheet HTML 15Page - Microchip Technology MCP16311 Datasheet HTML 16Page - Microchip Technology MCP16311 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
 2013-2014 Microchip Technology Inc.
DS20005255B-page 13
MCP16311/2
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MCP16311/2 is a high input voltage step-down
regulator, capable of supplying 1A typical to a regulated
output voltage from 2.0V to 12V. Internally, the trimmed
500 kHz oscillator provides a fixed frequency, while the
peak current mode control architecture varies the duty
cycle for output voltage regulation. An internal floating
driver is used to turn the high-side integrated
N-Channel MOSFET on and off. The power for this
driver is derived from an external boost capacitor
whose energy is replenished when the low-side N-
Channel MOSFET is turned on.
4.1.1
PWM/PFM MODE OPTION
The MCP16311 selects the best operating switching
mode (PFM or PWM) for high efficiency across a wide
range of load currents. Switching to PFM mode at light-
load currents results in a low quiescent current. During
the sleep period (between two packets of switching
cycles), the MCP16311 draws 44 µA (typical) from the
supply line. The switching pulse packets represent a
small percentage of the total running cycle, and the
overall average current drawn from power line is small.
The disadvantages of PWM/PFM mode are higher
output ripple voltage and variable PFM mode frequency.
The PFM mode threshold is a function of the input
voltage, output voltage and load (see Figure 2-17).
4.1.2
PWM-ONLY MODE OPTION
In the MCP16312 devices, the PFM mode is disabled
and the part runs only in PWM over the entire load
range. During normal operation, the MCP16312
continues to operate at a constant 500 kHz switching
frequency, keeping the output ripple voltage lower than
in PFM mode. At lighter loads, the MCP16312 devices
begin to skip pulses. Figure 2-18 represents the input
voltage versus load current for the pulse skipping
threshold in PWM-only mode.
Because the MCP16312 has very low output voltage
ripple, it is recommended for noise-sensitive applications.
4.1.3
INTERNAL REFERENCE VOLTAGE
(VFB)
An integrated precise 0.8V reference combined with an
external resistor divider sets the desired converter
output voltage. The resistor divider range can vary
without affecting the control system gain. High-value
resistors consume less current, but are more
susceptible to noise. Consult typical applications for the
recommended resistors value.
4.1.4
INTERNAL BIAS REGULATOR (VCC)
An internal Low Dropout Voltage Regulator (LDO) is
used to supply 5.0V to all the internal circuits. The LDO
regulates the input voltage (VIN) and can supply
enough current (up to 50 mA) to sustain the drivers and
internal bias circuitry. The VCC pin must be decoupled
to ground with a 1 µF capacitor. In the event of a
thermal shut down, the LDO will shut down. There is a
short-circuit protection for the VCC pin, with a threshold
set at 150 mA.
In PFM switching mode, during sleep periods, the VCC
regulator enters Low Quiescent Current mode to avoid
unnecessary power dissipation.
Avoid driving any external load using the VCC pin.
4.1.5
INTERNAL COMPENSATION
All control system components necessary for stable
operation over the entire device operating range are
integrated, including the error amplifier and inductor
current slope compensation. To add the proper amount
of slope compensation, the inductor value changes
along with the output voltage (see Table 5-1).
4.1.6
EXTERNAL COMPONENTS
External components consist of:
• Input capacitor
• Output filter (inductor and capacitor)
• Boost capacitor
• Resistor divider
The selection of the external inductor, output capacitor
and input capacitor is dependent upon the output volt-
age and the maximum output current.
4.1.7
ENABLE INPUT
The enable input (EN) is used to disable the device. If
disabled, the device consumes a minimum current from
the input. Once enabled, the internal soft start controls
the output voltage rate of rise, preventing high-inrush
current and output voltage overshoot.
There is no internal pull-up or pull-down resistor. To
enable the converter, the EN pin must be pulled high.
To disable the converter, the EN pin must be pulled low.
TABLE 4-1:
PART NUMBER SELECTION
Part Number
PWM/PFM
PWM
MCP16311
X
—
MCP16312
—
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com