Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16311-E/MS Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP16311-E/MS
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311-E/MS Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP16311-E/MS Datasheet HTML 4Page - Microchip Technology MCP16311-E/MS Datasheet HTML 5Page - Microchip Technology MCP16311-E/MS Datasheet HTML 6Page - Microchip Technology MCP16311-E/MS Datasheet HTML 7Page - Microchip Technology MCP16311-E/MS Datasheet HTML 8Page - Microchip Technology MCP16311-E/MS Datasheet HTML 9Page - Microchip Technology MCP16311-E/MS Datasheet HTML 10Page - Microchip Technology MCP16311-E/MS Datasheet HTML 11Page - Microchip Technology MCP16311-E/MS Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MCP16311/2
DS20005255B-page 8
 2013-2014 Microchip Technology Inc.
Note:
Unless otherwise indicated, VIN =EN= 7V, COUT =CIN =2 x 10 µF, L =22 µH, VOUT =5.0V, ILOAD =100 mA,
TA =+25°C, 8L-MSOP package.
FIGURE 2-19:
Typical Minimum Input
Voltage vs. Output Current.
FIGURE 2-20:
Switching Frequency vs.
Temperature.
FIGURE 2-21:
Start-Up From Enable.
FIGURE 2-22:
Start-Up From VIN.
FIGURE 2-23:
Short-Circuit Response.
FIGURE 2-24:
Load Transient Response.
3.5
4
4.5
0
200
400
600
800
1000
Output Current (mA)
To Start
To Stop
V
OUT = 3.3V
450
475
500
525
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
V
IN = 12V
V
OUT = 3.3V
I
OUT = 200 mA
VOUT
2 V/div
EN
2 V/div
80 µs/div
VOUT
2 V/div
VIN
5 V/div
200 µs/div
VOUT
2 V/div
IOUT
2A/div
10 µs/div
IL
500 mA/div
VOUT
100 mV/div
IOUT
500 mA/div
200 µs/div
AC Coupled
Load Step from
100 mA to 800 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com