Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221A Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP2221A
Description  USB 2.0 to I2C/UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221A Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP2221A Datasheet HTML 17Page - Microchip Technology MCP2221A Datasheet HTML 18Page - Microchip Technology MCP2221A Datasheet HTML 19Page - Microchip Technology MCP2221A Datasheet HTML 20Page - Microchip Technology MCP2221A Datasheet HTML 21Page - Microchip Technology MCP2221A Datasheet HTML 22Page - Microchip Technology MCP2221A Datasheet HTML 23Page - Microchip Technology MCP2221A Datasheet HTML 24Page - Microchip Technology MCP2221A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
 2016 Microchip Technology Inc.
DS20005565A-page 21
MCP2221A
1.9
CLKR
When GP1 is configured for clock output operation, the
GP1 pin will act as a digital output, providing a clock
signal derived from the device’s internal clock. The
clock’s nominal frequency is 12 MHz ± 0.25%. Other
clock values and duty cycles are possible by setting
different values that are associated with this mode of
operation.
1.10
IOC
When GP1 is configured for Interrupt-on-Change (IOC)
operation, GP1 acts as a digital input that is sensitive to
positive and negative edges. Depending on the
settings associated with this mode of operation, the
GP1 can detect positive, negative or both edges.
1.11
RESET/POR
1.11.1
RESET PIN
The RST pin provides a method for triggering an
external Reset of the device. A Reset is generated by
holding the pin low. These devices have a noise filter in
the Reset path, which detects and ignores small
pulses.
1.11.2
POR
A POR pulse is generated on-chip whenever VDD rises
above a certain threshold. This allows the device to
start in the initialized state when VDD is adequate for
operation.
To take advantage of the POR circuitry, tie the RST pin
to VDD through a resistor (1 – 10 k
). This will
eliminate external RC components usually needed to
create a POR delay.
When the device starts normal operation (i.e., exits the
Reset
condition),
device
operating
parameters
(voltage, frequency, temperature, etc.) must be met to
ensure operation. If these conditions are not achieved,
the device must be held in Reset until the operating
conditions are met.
1.12
Internal Oscillator
The MCP2221A features an internal oscillator that
provides a 12 MHz clock, which is needed for the USB
modules (HID and CDC).
Full-speed USB is nominally 12 Mb/s. The clock
signal’s accuracy is over temp (2,500 ppm maximum).
The internal clock of the MCP2221A is fed into the
CLKR module to provide a clock signal outside of the
device.
GP1 can be configured as a clock output pin providing
a 12 MHz clock to the rest of the system. Other clock
and duty-cycle values are possible by using different
settings for this module.
1.13
I2C Master Module
The I2C master module is responsible for the I2C traffic
generation. The module is controlled through the USB
HID, through the Bus Matrix module.
The I2C module only implements the functionality of an
I2C/SMBus master.
1.13.1
I2C/SMBUS MASTER
The I2C master initiates all the I2C/SMBus transactions
(being read or write operations) on the bus.
The I2C/SMBus master module has the following
capabilities:
• sending/receiving data at a multitude of bit rates,
up to 400 kbps
• 7-bit Addressing mode
• single data transfers of up to 65,535 bytes
• clock-stretching (it allows the slower I2C Slaves to
communicate)
All the user data to be sent/transmitted over the I2C bus
is conveyed to the USB host only through the USB HID
interface.
1.14
Bus Matrix Module
The Bus Matrix module manages the communication
between various functional modules, such as: USB
(HID and CDC), I2C, UART, GPIO/ADC/DAC, Config,
IOC, CLKR, pin MUX.
1.15
Config Module
The Config module is in charge of the storage of the
device settings and also of their management
(loading/modifying/access protection). The module
uses nonvolatile memory for storing the power-up
device settings.
At power-up, the module loads the settings from the
nonvolatile storage area into an SRAM location
(volatile settings). These settings represent the
device’s configuration, along with other key parameters
(e.g., string descriptors, VID/PID, etc.). After the
settings are loaded in SRAM (volatile settings), they
can be changed through the USB HID interface.
The user can read/modify/change either settings
(nonvolatile or volatile) through the same interface
(USB HID).
The Config module contains the relevant power-up
settings that are used by the MCP2221A. A few
examples of settings are: USB descriptors, GP
settings, ADC, DAC, CLKR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com