Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221A-I/ML Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2221A-I/ML
Description  USB 2.0 to I2C/UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221A-I/ML Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2221A-I/ML Datasheet HTML 9Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 10Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 11Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 12Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 13Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 14Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 15Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 16Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
 2016 Microchip Technology Inc.
DS20005565A-page 13
MCP2221A
REGISTER 1-13:
GPSETTING1 REGISTER
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
—
—
—
GPIOOUTVAL
GPIODIR
GPDES2
GPDES1
GPDES0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Reserved:
Set to ‘0’
bit 4
GPIOOUTVAL:
GPIO Output Value bit (valid only when GP1 is set for GPIO output operation)
1
= Default output value is logic ‘1’ (factory default)
0
= Default output value is logic ‘0’
bit 3
GPIODIR:
GPIO Direction bit (input or output; valid only when GP1 is set for GPIO operation)
1
= GPIO Input
0
= GPIO Output (factory default)
bit 2-0
GPDES<2:0>:
GP1 Designation bits
111
= Reserved
110
= Reserved
101
= Reserved
100
= Alternate function 2 (Interrupt detector)
011
= Alternate function 1 (LED UART TX – LEDUTX) (factory default)
010
= Alternate function 0 (ADC1)
001
= Dedicated function operation (Clock Output)
000
= GPIO operation (GPIO1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com