Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221-I/P Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP2221-I/P
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/P Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP2221-I/P Datasheet HTML 45Page - Microchip Technology MCP2221-I/P Datasheet HTML 46Page - Microchip Technology MCP2221-I/P Datasheet HTML 47Page - Microchip Technology MCP2221-I/P Datasheet HTML 48Page - Microchip Technology MCP2221-I/P Datasheet HTML 49Page - Microchip Technology MCP2221-I/P Datasheet HTML 50Page - Microchip Technology MCP2221-I/P Datasheet HTML 51Page - Microchip Technology MCP2221-I/P Datasheet HTML 52Page - Microchip Technology MCP2221-I/P Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 49
MCP2221
3.1.13
SET SRAM SETTINGS
This command is used to alter various run time
chip-settings. The altered settings reside in SRAM
memory
and
they
won’t
affect
the
chip’s
Power-Up/Reset default settings. These altered
settings will be active till the next chip Power-Up/Reset.
TABLE 3-36:
COMMAND STRUCTURE
Byte
Index
Function Description
Value
Effect
0
0x60
Set SRAM settings – command code
1Don’t
care
2
Clock Output Divider value – this allows the user to modify the clock output value on the fly, at run-time
Bit 7: Enable loading of a
new clock divider
1
The 4-0 bits will be loaded into the clock divider
0
Clock divider value won’t be altered
Bit 6-5
Don’t
care
Bit 4-3: Duty cycle
00
0% duty cycle
01
25% duty cycle
10
50% duty cycle
11
75% duty cycle
Bit 2-0: Clock divider
value
3
DAC Voltage Reference – this allows the user to modify the DAC reference voltage
Bit 7: Enable loading of a
new DAC reference
1
Bits 2-0 will be used for DAC reference voltage selection
0
DAC reference will remain unaltered
Bit 6-3
Don’t
care
Bit 2-1: DAC VRM voltage
selection. These bits are
used to change the DAC
VRM voltage
11
VRM voltage is 4.096V (only if VDD is higher than this value)
10
VRM voltage is 2.048V
01
VRM voltage is 1.024V
00
VRM voltage is off
Bit 0: This bit is used to
change the DAC
reference voltage
1
DAC voltage reference is the internal DAC voltage reference module
(DAC VRM)
0
DAC voltage reference is VDD
4
Set DAC output value
Bit 7: Enable loading of a
new DAC value
1
Bits 4-0 will be used for DAC reference voltage selection
0
The current DAC value will remain unaltered
Bit 6-5
Don’t
care
Bit 4-0: The new DAC
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com