Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2050 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP2050
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050 Datasheet(HTML) 2 Page - Microchip Technology

  MCP2050 Datasheet HTML 1Page - Microchip Technology MCP2050 Datasheet HTML 2Page - Microchip Technology MCP2050 Datasheet HTML 3Page - Microchip Technology MCP2050 Datasheet HTML 4Page - Microchip Technology MCP2050 Datasheet HTML 5Page - Microchip Technology MCP2050 Datasheet HTML 6Page - Microchip Technology MCP2050 Datasheet HTML 7Page - Microchip Technology MCP2050 Datasheet HTML 8Page - Microchip Technology MCP2050 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MCP2050
DS20002299C-page 2
 2012-2014 Microchip Technology Inc.
Package Types
Block Diagram
15
14
1
2
3
4
13
12
11
5
WWDTTRIG
FAULT/TXE
VBB
CS/LWAKE
VREG
TXD
RXD
RESET
NC
WWDTSELECT
MCP2050
PDIP, SOIC
MCP2050
5x 5QFN*
EP
21
VBATRATIO
RXD
CS/LWAKE
VREG
RESET
NC
WWDTRESET
WWDTTRIG
WWDTSELECT
FAULT/TXE
VBB
LBUS
VSS
1
2
3
4
14
13
12
11
10
9
8
5
6
7
TXD
* Includes Exposed Thermal Pad (EP), see Table 1-2.
Voltage
Regulator
Ratiometric
Reference
Thermal
Protection
Internal Circuits
VREG
FAULT/TXE
RXD
TXD
VBB
LBUS
VSS
~30
CS/LWAKE
Wake-Up
Logic and
Power Control
RESET
Short-Circuit
Protection
Thermal
Protection
Programmable
Windowed Watchdog
WWDTRESET
WWDTTRIG
WWDTselect
VBB
VREG
VBATRATIO
kΩ
4.2V
Bus Wakeup
and
Short-Circuit
Slope Control
VREG
4.2V
Bus
Dominant
Timer
300Ω
VREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com