Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2050-E/P Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP2050-E/P
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050-E/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP2050-E/P Datasheet HTML 13Page - Microchip Technology MCP2050-E/P Datasheet HTML 14Page - Microchip Technology MCP2050-E/P Datasheet HTML 15Page - Microchip Technology MCP2050-E/P Datasheet HTML 16Page - Microchip Technology MCP2050-E/P Datasheet HTML 17Page - Microchip Technology MCP2050-E/P Datasheet HTML 18Page - Microchip Technology MCP2050-E/P Datasheet HTML 19Page - Microchip Technology MCP2050-E/P Datasheet HTML 20Page - Microchip Technology MCP2050-E/P Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
 2012-2014 Microchip Technology Inc.
DS20002299C-page 17
MCP2050
FIGURE 1-13:
TYPICAL LIN NETWORK CONFIGURATION
1.8
ICSP™ Considerations
The following should be considered when the
MCP2050 is connected to pins supporting in-circuit
programming:
• Power used for programming the microcontroller
can be supplied from the programmer, or from the
MCP2050.
• The voltage on the VREG pin should not exceed
the maximum value of VREG as shown in
Section 2.3, DC Specifications
.
LIN bus
MCP2050
Master
(MCU)
1kΩ
VBB
Slave 1
(MCU)
Slave 2
(MCU)
Slave n <16
(MCU)
40m
+ Return
LIN bus
LIN bus
MCP2050
LIN bus
MCP202XA
LIN bus
MCP2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com