Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB12F Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # KMB12F
Description  SCHOTTKY SURFACE MOUNT FLAT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

KMB12F Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  KMB12F Datasheet HTML 1Page - SUNMATE electronic Co., LTD KMB12F Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY SURFACE MOUNT FLAT BRIDGE RECTIFIER
Case:MBFmoldedplasticbodyover
CURRENT: 1.0 A
VOLTAGE RANGE: 20 - 100V
KMB12F-KMB110F
1 of 2
260 ℃ /10
Symbol
UNIT
VRRM
20
40
60
80
100
V
VRMS
14
28
42
56
70
V
VDC
20
40
60
80
100
V
IF(AV)
A
IFSM
A
VF
0.50
0.55
0.70
V
IR
mA
CJ
pF
RθJA
RθJL
℃/ W
TJ
℃
TSTG
℃
Note:1.Thermal resistance from junction to ambient and from junction to lead P.C.B.mounted on 0.2
×0.2"(5.0×5.0mm)copper pad areas.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.2
×0.2"(5.0×5.0mm)copper pad area
1.0
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
30
Maximum instantaneous forwad voltage at 1.0A
0.85
–55 to +125
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 100℃
0.5
20
Typical Junction Capacitance at 4.0V,1.0MHz
250
125
Storage temperature range
– 55 to +150
Typical Thermal resistance (Note1)
85
20
Operating junction temperature range
Features
Mechanical Data
D
D
D
D
D
D
D
D
www.sunmate.tw
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Schottkybarrierchips
Lowprofilepackage
Idealforautomatedplacement
Ultrafast reverserecovery time
Lowpowerlosses, highefficiency
Lowforwardvoltagedrop
Highsurgecapability
High temperaturesoldering!
secondsat terminals
KMB12F KMB14F KMB16F KMB18F KMB110F


Similar Part No. - KMB12F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
KMB12F PACELEADER-KMB12F Datasheet
267Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
KMB12F PFS-KMB12F Datasheet
374Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Formosa MS
KMB12F FORMOSA-KMB12F Datasheet
947Kb / 2P
Surface Mount Schottky Bridge Rectifier
logo
Guangdong Juxing Electr...
KMB12F JUXING-KMB12F Datasheet
1Mb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Microdiode Semiconducto...
KMB12F CHENDA-KMB12F Datasheet
510Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
More results

Similar Description - KMB12F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
KMB22FGW JUXING-KMB22FGW Datasheet
916Kb / 2P
schottky Surface Mount Flat Bridge Rectifier
KMB22F JUXING-KMB22F Datasheet
926Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
KMB12FGW JUXING-KMB12FGW Datasheet
1Mb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
List of Unclassifed Man...
MBF2 ETC2-MBF2 Datasheet
526Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Shenzhen Luguang Electr...
MBF10 LUGUANG-MBF10 Datasheet
526Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Microdiode Semiconducto...
KMB12F CHENDA-KMB12F Datasheet
510Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
KMB22F CHENDA-KMB22F Datasheet
522Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
MB22S CHENDA-MB22S Datasheet
683Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
KMB24F CHENDA-KMB24F_V01 Datasheet
458Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
MB24S CHENDA-MB24S_V01 Datasheet
424Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com