Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221T-I/ST Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP2221T-I/ST
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221T-I/ST Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP2221T-I/ST Datasheet HTML 31Page - Microchip Technology MCP2221T-I/ST Datasheet HTML 32Page - Microchip Technology MCP2221T-I/ST Datasheet HTML 33Page - Microchip Technology MCP2221T-I/ST Datasheet HTML 34Page - Microchip Technology MCP2221T-I/ST Datasheet HTML 35Page - Microchip Technology MCP2221T-I/ST Datasheet HTML 36Page - Microchip Technology MCP2221T-I/ST Datasheet HTML 37Page - Microchip Technology MCP2221T-I/ST Datasheet HTML 38Page - Microchip Technology MCP2221T-I/ST Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 35
MCP2221
TABLE 3-13:
SUB-COMMAND STRUCTURE – WRITE GP SETTINGS SUB-COMMAND
Byte
Index
Function Description
Value
Effect
0
0xB1
Write Flash Data – command code
1
0x01
Write GP Settings – it will write the MCP2221 flash GP
settings
2
GP0 Power-Up Settings
Bit 7-5:
Don’t care
Bit 4: GPIO Output value
When GP0 is set as an output GPIO, this value will be
present at the GP0 pin at Power-Up/Reset.
Bit 3: GPIO Direction
(Input/Output) – Works only when
GP0 is set for GPIO operation.
1
GPIO Input mode
0
GPIO Output mode
Bit 2-0: GP0 Designation
111-011
Don’t care
010
Dedicated function operation (SSPND)
001
Alternate function 0 (LED UART RX)
000
GPIO operation
3
GP1 Power-Up Settings
Bit 7-5:
Don’t care
Bit 4: GPIO Output value
When GP1 is set as an output GPIO, this value will be
present at the GP1 pin at Power-Up/Reset.
Bit 3: GPIO Direction
(Input/Output) – Works only when
GP1 is set for GPIO operation.
1
GPIO Input mode
0
GPIO Output mode
Bit 2-0: GP1 Designation
111-101
Don’t care
100
Alternate function 2 (Interrupt Detection)
011
Alternate function1 (LED UART TX)
010
Alternate function 0 (ADC1)
001
Dedicated function operation (Clock Output)
000
GPIO operation
4
GP2 Power-Up Settings
Bit 7-5:
Don’t care
Bit 4: GPIO Output value
When GP2 is set as an output GPIO, this value will be
present at the GP2 pin at Power-Up/Reset.
Bit 3: GPIO Direction
(Input/Output) – Works only when
GP2 is set for GPIO operation.
1
GPIO Input mode
0
GPIO Output mode
Bit 2-0: GP2 Designation
111-100
Don’t care
011
Alternate function1 (DAC1)
010
Alternate function 0 (ADC2)
001
Dedicated function operation (Clock Output)
000
GPIO operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com