Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75451M Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75451M
Description  Series Dual Peripheral Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75451M Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS75451M Datasheet HTML 1Page - National Semiconductor (TI) DS75451M Datasheet HTML 2Page - National Semiconductor (TI) DS75451M Datasheet HTML 3Page - National Semiconductor (TI) DS75451M Datasheet HTML 4Page - National Semiconductor (TI) DS75451M Datasheet HTML 5Page - National Semiconductor (TI) DS75451M Datasheet HTML 6Page - National Semiconductor (TI) DS75451M Datasheet HTML 7Page - National Semiconductor (TI) DS75451M Datasheet HTML 8Page - National Semiconductor (TI) DS75451M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, (V
CC) (Note 2)
7.0V
Input Voltage
5.5V
Inter-Emitter Voltage (Note 3)
5.5V
Output Voltage (Note 4)
30V
Output Current (Note 5)
300 mA
Maximum Power (Note 5)
Dissipation
† at 25˚C
Molded DIP Package
957 mW
SO Package
632 mW
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 4 sec.)
260˚C
Operating Conditions
Min
Max
Units
Supply Voltage, (V
CC)
4.75
5.25
V
Temperature, (T
A)
0
+70
˚C
†Derate molded package 7.7 mW/˚C above 25˚C, derate SO package 7.56
mW/˚C above 25˚C.
Electrical Characteristics
(Notes 6, 7)
Symbol
Parameter
Conditions
Min
Typ Max Units
V
IH
High-Level Input Voltage
(
Figure 7)2
V
V
IL
Low-Level Input Voltage
0.8
V
V
I
Input Clamp Voltage
V
CC = Min, II = −12 mA
−1.5
V
V
OL
Low-Level Output Voltage
V
CC =
Min,
(
Figure 7)
V
IL = 0.8V
I
OL = 100 mA
DS75451, DS75453
0.25
0.4
V
I
OL = 300 mA
DS75451, DS75453
0.5
0.7
V
V
IH = 2V
I
OL = 100 mA
DS75452
0.25
0.4
V
I
OL = 300 mA
DS75452
0.5
0.7
V
I
OH
High-Level Output Current
V
CC =
Min,
(
Figure 7)
V
OH = 30V
V
IH = 2V
DS75451, DS75453
100
µA
V
IL = 0.8V
DS75452
100
µA
I
I
Input Current at Maximum
Input Voltage
V
CC = Max, VI = 5.5V, (Figure 9)
1mA
I
IH
High-Level Input Current
V
CC = Max, VI = 2.4V, (Figure 9 )40
µA
I
IL
Low-Level Input Current
V
CC = Max, VI = 0.4V, (Figure 8)
−1
−1.6
mA
I
CCH
Supply Current, Outputs
High
V
CC =
Max,
(
Figure
10)
V
I = 5V
DS75451
711
mA
V
I = 0V
DS75452
11
14
mA
V
I = 5V
DS75453
811
mA
I
CCL
Supply Current, Outputs
Low
V
CC =
Max,
(
Figure
10)
V
I = 0V
DS75451
52
65
mA
V
I = 5V
DS75452
56
71
mA
V
I = 0V
DS75453
54
68
mA
Switching Characteristics
(V
CC = 5V, TA = 25˚C)
Symbol
Parameter
Conditions
Min
Typ Max
Units
t
PLH
Propagation Delay Time, Low-to-High
Level Output
C
L = 15 pF, RL = 50Ω,
I
O ≈ 200 mA, (Figure 14)
DS75451
18
25
ns
DS75452
26
35
ns
DS75453
18
25
ns
t
PHL
Propagation Delay Time, High-to-Low
Level Output
C
L = 15 pF, RL = 50Ω,
I
O ≈ 200 mA, (Figure 14)
DS75451
18
25
ns
DS75452
24
35
ns
DS75453
16
25
ns
t
TLH
Transition Time, Low-to-High Level
Output
C
L = 15 pF, RL = 50Ω,IO ≈ 200 mA,
(
Figure 14)
58
ns
t
THL
Transition Time, High-to-Low Level
Output
C
L = 15 pF, RL = 50Ω,IO ≈ 200 mA,
(Figure 14 )
712
ns
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com