Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB2S Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # LB2S
Description  SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

LB2S Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  LB2S Datasheet HTML 1Page - SUNMATE electronic Co., LTD LB2S Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOPA-4
Maximum RMS voltage
VOLTAGE RANGE: 200 - 1000V
1 of 2
SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
LB2S-LB10S
Low Profile: Typical height of 1.4mm
Ideal for automated placement
High surge current capability
Case:SOPA-4
Epoxy meets UL-94V-0 Flammability rating
Terminals:Matte tin plated ldads, solderable per
J-STD-002B and JESD22-B102D
Polarity:As markde on body
RRM
RMS
DC
2t
A2sec
℃
℃
RθJA
RθJL
℃
TSTG
℃
Notes:
1. Device mounted P.C.B with 0.47x0.47''(12mmx12mm) Copper Pads.
2. JEDEC registered values
µA
VF
A
30
3
0.95
5
500
80
℃
/W
25
-55 to +150
-55 to +150
IF(AV)
IR
IFSM
1.0
0.8
A
V
-
Features
Mechanical Data
D
D
D
D
D
D
D
D
www.sunmate.tw
CURRENT: 1.0 A
Symbol
LB2S
LB4S
LB6S
LB8S
LB10S
Unit
V
V
V
200
400
600
800
1000
V
140
280
420
560
800
V
200
400
600
800
1000
V
I
TJ
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Maximum repetitive peak reverse voltage
Maximum DC blocking voltage
Maximum Average forward output rectified current
on glass-eposy P.C.B
on aluminum substrate
Peak forward surge current 8.3 ms single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusig (t\<8.3ms)
Maximum instantaneous forward voltage drop
per diode at 0.4A
Maximum DC reverse current atTA=25
rated DC blocking voltage per legTA=125
Typical thermal resistance per leg (Note 1)
Operating junction temperature range
Storage temperature range
 ̄
 ̄
+
-


Similar Part No. - LB2S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LB2S GOOD-ARK-LB2S Datasheet
90Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
LB2S PFS-LB2S Datasheet
241Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Microdiode Semiconducto...
LB2S CHENDA-LB2S Datasheet
764Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
LB2S CHENDA-LB2S Datasheet
813Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Shanghai Leiditech Elec...
LB2S LEIDITECH-LB2S Datasheet
719Kb / 2P
Reverse Voltage 200 and 1000V Forward Current 0.8A
More results

Similar Description - LB2S

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HMB11PT CHENMKO-HMB11PT Datasheet
134Kb / 2P
SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
LL4448PT CHENMKO-LL4448PT Datasheet
68Kb / 2P
SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
MB12LPT CHENMKO-MB12LPT Datasheet
128Kb / 2P
SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
MB12SPT CHENMKO-MB12SPT Datasheet
128Kb / 2P
SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Pan Jit International I...
DI150S PANJIT-DI150S_15 Datasheet
112Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
E91201A GOOD-ARK-E91201A Datasheet
357Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91205A GOOD-ARK-E91205A Datasheet
375Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92305A GOOD-ARK-E92305A Datasheet
241Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com