Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05F Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MB05F
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MB05F Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MB05F Datasheet HTML 1Page - SUNMATE electronic Co., LTD MB05F Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 0.5 A
VOLTAGE RANGE: 50 - 1000V
SILICON BRIDGE RECTIFIERS
MB05F-MB10F
Plastic materrial has U/L flammability classification
94V-O
Saves space on printed circuit boards
Case: Molded plastic body over passivated junctions
Highsurge overloadrating:
25Apeak
High temperature soldering guaranteed:
2.
0kg) tension
Features
Mechanical Data
D
D
D
D
D
D
D
D
D
D
260°C/10 seconds at 5 lbs. (
MBF
Dimensions in inches and (millimeters)
.008(0.2)
.030(0.75)
.018(0.45)
.106(2.7)
.09(2.3)
.197(5.0)
.181(4.6)
.063(1.6)
.047(1
.
2)
C0.5
.014(.35)
.006(.15)
.071(1.8)
.055(1.4)
-
+
~ ~
Glass passivated chip junctions
output current
Maximum DC blocking voltage
Maximum RMS voltage
V
V
V
A=25
@ 0.4 A
V
A=25
μA
A=100
mA
pF
NOTES: (1) On glass epoxy P.C.B. mounted on 0.05 x 0.05" (1.3 x 1.3mm) pads
(2) On aluminum substrate P.C.B. with an area of 0.8" x 0.8" (20 x 20mm) mounted on 0.05 x 0.05" (1.3 x 1.3mm) solder pad
(3) Measured at 1.0 MHz and applied rev erse v oltage of 4.0 Volts
TSTG
TJ
VRRM
0.5
CJ
13
IR
VF
IFSM
IF(AV)
25
VDC
VRMS
1000
70
140
280
420
560
700
400
5.0
1000
1.0
35
50
100
200
A
0.5
- 55 ---- +
150
- 55 ---- + 150
A
/W
800
800
600
50
100
200
400
600
(NOTE 1)
R
θJA
85
(NOTE 2)
R
θ
JL
20
Characteristic
Symbol
Unit
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Maximum recurrentpeakreverse voltage
Maximum average forward
@T
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
Maximum instantaneous forward voltage
@T
Maximum reverse current
@T
at rated DC blocking voltage
Typicaljunctioncapacitance perleg(NOTE3)
Typical thermal resistance per leg
Operating junction temperature range
Storage temperature range
1 of 2
www.sunmate.tw
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on body
Dimensions in inches and (millimeters)
Mounting Position: Any
Weight: 0.0078 ounce, 0.22 gram
MB05
MB1
MB4
MB6
MB8 MB10
F
F
MB2F
F
F
F
F


Similar Part No. - MB05F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB05F PACELEADER-MB05F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB05F PFS-MB05F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB05F LUGUANG-MB05F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB05F FORMOSA-MB05F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB05F JUXING-MB05F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB05F

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com