Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003-E/SN Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP2003-E/SN
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003-E/SN Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP2003-E/SN Datasheet HTML 14Page - Microchip Technology MCP2003-E/SN Datasheet HTML 15Page - Microchip Technology MCP2003-E/SN Datasheet HTML 16Page - Microchip Technology MCP2003-E/SN Datasheet HTML 17Page - Microchip Technology MCP2003-E/SN Datasheet HTML 18Page - Microchip Technology MCP2003-E/SN Datasheet HTML 19Page - Microchip Technology MCP2003-E/SN Datasheet HTML 20Page - Microchip Technology MCP2003-E/SN Datasheet HTML 21Page - Microchip Technology MCP2003-E/SN Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MCP2003/4/3A/4A
DS20002230F-page 18
 2010-2014 Microchip Technology Inc.
2.7
Timing Diagrams and Specifications
FIGURE 2-4:
BUS TIMING DIAGRAM
FIGURE 2-5:
CS TO VREN TIMING DIAGRAM
.95VLBUS
0.05VLBUS
TTRANSPDR
TRECPDR
TTRANSPDF
TRECPDF
TXD
LBUS
RXD
Internal TXD/RXD
Compare
FAULT Sampling
TFAULT
TFAULT
FAULT/TXE Output
Stable
Stable
Stable
Match
Match
Match
Match
Match
Hold
Value
Hold
Value
50%
50%
.50VBB
50%
50%
0.0V
TCSPD
TCSOR
CS
VREN
VBB
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com