Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003B-H/MF Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP2003B-H/MF
Description  LIN Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003B-H/MF Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP2003B-H/MF Datasheet HTML 24Page - Microchip Technology MCP2003B-H/MF Datasheet HTML 25Page - Microchip Technology MCP2003B-H/MF Datasheet HTML 26Page - Microchip Technology MCP2003B-H/MF Datasheet HTML 27Page - Microchip Technology MCP2003B-H/MF Datasheet HTML 28Page - Microchip Technology MCP2003B-H/MF Datasheet HTML 29Page - Microchip Technology MCP2003B-H/MF Datasheet HTML 30Page - Microchip Technology MCP2003B-H/MF Datasheet HTML 31Page - Microchip Technology MCP2003B-H/MF Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2015-2016 Microchip Technology Inc.
DS20005463C-page 29
MCP2003B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP2003B: LIN Transceiver
MCP2003BT: LIN Transceiver (Tape and Reel)
Temperature Range: E
= -40°C to +125°C (Extended)
H
= -40°C to +150°C (High)
Package:
MC = 8-Lead Plastic Dual Flat, No Lead Package –
2x3x0.9 mm Body (DFN)
MF = 8-Lead Plastic Dual Flat, No Lead Package –
3x3x0.9 mm Body (DFN)
SN = 8-Lead Plastic Small Outline – Narrow 3.90 mm Body
(SOIC)
Examples:
a)
MCP2003B-E/MC: Extended Temperature,
8LD 2x3 DFN package
b)
MCP2003B-E/MF:
Extended Temperature,
8LD 3x3 DFN package
c)
MCP2003B-E/SN:
Extended Temperature,
8LD SOIC package
d)
MCP2003BT-H/MC: Tape and Reel,
High Temperature,
8LD 2x3 DFN package
e)
MCP2003BT-H/MF: Tape and Reel,
High Temperature,
8LD 3x3 DFN package
f)
MCP2003BT-H/SN: Tape and Reel,
High Temperature,
8LD SOIC package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com