Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1804 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1804
Description  150 mA, 28V LDO Regulator With Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1804_13 Datasheet HTML 12Page - Microchip Technology MCP1804_13 Datasheet HTML 13Page - Microchip Technology MCP1804_13 Datasheet HTML 14Page - Microchip Technology MCP1804_13 Datasheet HTML 15Page - Microchip Technology MCP1804_13 Datasheet HTML 16Page - Microchip Technology MCP1804_13 Datasheet HTML 17Page - Microchip Technology MCP1804_13 Datasheet HTML 18Page - Microchip Technology MCP1804_13 Datasheet HTML 19Page - Microchip Technology MCP1804_13 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
MCP1804
DS20002200D-page 16
 2009-2013 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
.
3.1
Unregulated Input Voltage (VIN)
Connect VIN to the input unregulated source voltage.
Like all low dropout linear regulators, low source
impedance is necessary for the stable operation of the
LDO. The amount of capacitance required to ensure
low source impedance will depend on the proximity of
the input source capacitors or battery type. For most
applications, 0.1 µF to 1.0 µF of capacitance will
ensure stable operation of the LDO circuit. The type of
capacitor used can be ceramic, tantalum or aluminum
electrolytic. The low ESR characteristics of the ceramic
will yield better noise and PSRR performance at high
frequency.
3.2
Ground Terminal (GND)
Regulator ground. Tie GND to the negative side of the
output and the negative side of the input capacitor.
Only the LDO bias current (50 to 60 µA typical) flows
out of this pin; there is no high current. The LDO output
regulation is referenced to this pin. Minimize voltage
drops between this pin and the negative side of the
load.
3.3
Shutdown Input (SHDN)
The SHDN input is used to turn the LDO output voltage
on and off. When the SHDN input is at a logic-high
level, the LDO output voltage is enabled. When the
SHDN input is pulled to a logic-low level, the LDO
output voltage is disabled and the LDO enters a low
quiescent current shutdown state where the typical
quiescent current is 0.01 µA. The SHDN pin does not
have an internal pull-up or pull-down resistor. The
SHDN pin must be connected to either VIN or GND to
prevent the device from becoming unstable.
3.4
Regulated Output Voltage (VOUT)
Connect VOUT to the positive side of the load and the
positive terminal of the output capacitor. The positive
side of the output capacitor should be physically
located as close to the LDO VOUT pin as is practical.
The current flowing out of this pin is equal to the DC
load current. For most applications, 0.1 µF to 1.0 µF of
capacitance will ensure stable operation of the LDO
circuit. Larger values may be used to improve dynamic
load response. The type of capacitor used can be
ceramic, tantalum or aluminum electrolytic. The low
ESR characteristics of the ceramic will yield better
noise and PSRR performance at high frequency.
3.5
No Connect (NC)
No internal connection. The pins marked NC are true
“No Connect” pins.
TABLE 3-1:
MCP1804 PIN FUNCTION TABLE
MCP1804
Symbol
Description
SOT-23-5
SOT-89-5
SOT-89-3
SOT-223-3
15
3
3
VIN
Unregulated Supply Voltage
2
2, TAB
2, TAB
2, TAB
GND
Ground Terminal
34
—
—
NC
No connection
43
——
SHDN
Shutdown
51
1
1
VOUT
Regulated Voltage Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com