Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3510 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MB3510
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MB3510 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MB3510 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MB3510 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 35A
VOLTAGE RANGE: 50 - 1000V
1 of 2
SINGLE-PHASE SILICON BRIDGE RECTIFIER
MB3505-MB3510
VRRM
VDC
IO
IFSM
VRMS
Volts
Volts
Amps
35
400
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
50
200
400
100
600
800
1000
Volts
Amps
VF
IR
1.1
500
uAmps
Volts
@TA = 25
oC
@T = 100
oC
10
TJ,TSTG
-55 to + 150
0 C
I
2
I
2t
664
A
2Sec
CJ
300
pF
R
θJC
2.2
0C/W
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance from Junction to Case per leg.
A
Dimensions in inches and (millimeters)
TYP
Features
Mechanical Data
www.sunmate.tw
!
!
!
!
!
!
!
!
!
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Output Current at Tc = 55
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum Forward Voltage Drop per element at 17.5A DC
Maximum DC Reverse Current at Rated
DC Blocking Voltage per element
t Rating for Fusing (t\<8.3ms)
Typical Junction Capacitance ( Note1)
Operating and Storage Temperature Range
Typical Thermal Resistance (Note 2)
Characteristic
Symbol
Unit
Metal case for Maximum Heat Dissipation
Surge overload ratings-400 Amperes
Low forward voltage drop
Case: Metal, electrically isolated
Epoxy: UL 94V-0 rate flame retardant
MIL-STD-202E, Method 208 guaranteed
Polarity: As marked
Mounting position: Any
Weight: 30 grams
MB-35
Terminals: Plated .25"(6.35mm) Faston lugs,
solderable per
MB351
MB356
MB358
MB3510
MB3505
MB352
MB354


Similar Part No. - MB3510

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MB3510 RECTRON-MB3510 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
logo
Bytes
MB3510 BYTES-MB3510 Datasheet
100Kb / 1P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB3510 DCCOM-MB3510 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB3510 FORMOSA-MB3510 Datasheet
41Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB3510 MCC-MB3510 Datasheet
86Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MB3510

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com